Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21-33384-91 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # 21-33384-91
Description  Subminiature Cylindrical Connectors
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

21-33384-91 Datasheet(HTML) 5 Page - Amphenol Corporation

  21-33384-91 Datasheet HTML 1Page - Amphenol Corporation 21-33384-91 Datasheet HTML 2Page - Amphenol Corporation 21-33384-91 Datasheet HTML 3Page - Amphenol Corporation 21-33384-91 Datasheet HTML 4Page - Amphenol Corporation 21-33384-91 Datasheet HTML 5Page - Amphenol Corporation 21-33384-91 Datasheet HTML 6Page - Amphenol Corporation 21-33384-91 Datasheet HTML 7Page - Amphenol Corporation 21-33384-91 Datasheet HTML 8Page - Amphenol Corporation 21-33384-91 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
3
Quick Coupling
Thread
Coupling Nut
Plug
Shell
Spring Fingers (EMI)
Anti-Decoupling
Device
Ratchet
Amphenol® Tri-Start
shell styles and key
design features
Designed for Performance
Numerous advantages in performance capability are designed
into the Amphenol Tri-Start Connector. A positive metal to metal
coupling design, grounding fingers, and electroless nickel plat-
ing provide superior EMI shielding capability of 65 dB minimum
at 10 GHz.
Acme threads provide coupling durability. Thicker wall sections
and a greater coupling surface area improve strength and shock
resistance. Blunting of the thread on both the coupling nut and
receptacle eliminates cross coupling. The connector quickly
mates and self locks in a 360° turn of the coupling nut.
Elongated mounting holes permit the Tri-Start Connector to
intermount with various existing MIL-spec box or wall mount re-
ceptacles, giving it a design replacement advantage.
Shells of stainless steel, or cadmium over nickel plating prevent
severe corrosion. Resistance is tested through exposure to a
500 hour salt spray. Composite versions provide protection from
salt spray exposure for 2000 hours. Other finish options are avail-
able; see how to order Tri-Start metal and Tri-Start Composite.
Recessed pins minimize potential contact damage in this 100%
scoop-proof connector. In a blind mating application, mating shells
cannot “scoop” the pins and cause a shorting or bending of con-
tacts.
The design of the Amphenol Tri-Start interfacial seal meets the
MIL-DTL-38999 Series III requirements for electrolytic erosion
resistance.
A rigid dielectric insert with excellent electrical characteristics
provides durable protection to the contacts. The socket contacts
are probe proof, and all contacts are rear removable. They are
plated in the standard 50 micro inches minimum gold, with 100
micro inches as an option and are available in standard Tri-Start
insert arrangements and special Pyle® insert arrangements in
sizes 10 power, 12, 16, 20 and 22D contacts. Special insert pat-
terns are also available with larger contacts in sizes 4 and 0.
Wall Mount Receptacle
Box Mount Receptacle
Jam Nut Receptacle
Straight Plug
Flange Mounting Plug
Lanyard Release Plug
Line Receptacle
Longer Shell Receptacle
Solder Mount Hermetic
Receptacle
Applicable Patents:
Tri-Start
TM
Connector Patent 4,109,990.
Composite Connector Patents:
4,268,103; 4,648,670; 4,682,832; 4,703,987.
Clutch-Lok
®
Patent 6,152,753.


Similar Part No. - 21-33384-91

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
21-33011-26 AMPHENOL-21-33011-26 Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
12-070-20
21-33019-1 AMPHENOL-21-33019-1 Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
21-33019-2 AMPHENOL-21-33019-2 Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
21-33019-3 AMPHENOL-21-33019-3 Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
21-33019-32 AMPHENOL-21-33019-32 Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
More results

Similar Description - 21-33384-91

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
10-552944-159 AMPHENOL-10-552944-159 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
D38999-20KD19PN AMPHENOL-D38999-20KD19PN Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
8/2006
LJT06RE-11-98P AMPHENOL-LJT06RE-11-98P Datasheet
1Mb / 57P
   JT/LJT Subminiature Cylindrical Connectors
MS27497T24B4S AMPHENOL-MS27497T24B4S Datasheet
1Mb / 57P
   JT/LJT Subminiature Cylindrical Connectors
JT06A-24-61P AMPHENOL-JT06A-24-61P Datasheet
1Mb / 57P
   JT/LJT Subminiature Cylindrical Connectors
MS27484T16F8S-LC AMPHENOL-MS27484T16F8S-LC Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
JT06RE-18-53P AMPHENOL-JT06RE-18-53P Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
M39029-57-354 AMPHENOL-M39029-57-354 Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
10-552682-11G AMPHENOL-10-552682-11G Datasheet
1Mb / 54P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com