Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62GB53A Datasheet(PDF) 9 Page - Amphenol Corporation

Part # 62GB53A
Description  62 GB- Series Plugs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

62GB53A Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button 62GB53A Datasheet HTML 5Page - Amphenol Corporation 62GB53A Datasheet HTML 6Page - Amphenol Corporation 62GB53A Datasheet HTML 7Page - Amphenol Corporation 62GB53A Datasheet HTML 8Page - Amphenol Corporation 62GB53A Datasheet HTML 9Page - Amphenol Corporation 62GB53A Datasheet HTML 10Page - Amphenol Corporation 62GB53A Datasheet HTML 11Page - Amphenol Corporation 62GB53A Datasheet HTML 12Page - Amphenol Corporation 62GB53A Datasheet HTML 13Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
Insert Availability
VOLTAGE RATINGS
ALTITUDE-THOUSANDS OF FEET (METRES)
Relationship between flashover voltage and
altitude for each voltage rating
VOLTAGE RATINGS
Two categories of voltage rating are specified in
BS9522 F0017, F0038 and N0001.
Rating 1 (700V d.c. working at sea-level) Applicable to the
high contact density inserts shown in the upper section of the
insert availability diagram above.
Rating 2 (1200V d.c. working at sea-level) Applicable to
the inserts shown in the lower section of the insert
availability diagram.
Altitude derating. Information on voltage derating for
operation at altitudes above sea-level can be obtained from
the flashover voltage altitude curves on the left.
22
22-55
D.C.
WORKING
VOLTAGE
A.C.
WORKING
VOLTAGE
R.M.S.
PROOF
VOLTAGE
D.C. OR A.C.
PEAK
Rating 1
Sea level
300 mb at
20°C
8,500m
(27,800 ft)
44 mb at
20°C
20,000m
(66,000 ft)
Rating 2
Sea level
300 mb at
20°C
8,500m
(27,800 ft)
44 mb at
20"C
20,000m
(66,000 ft)
700
550
330
120
650
380
500
390
230
850
460
270
2100
1100
660
3000
1300
760
24
ALTITUDE
24-61


Similar Part No. - 62GB53A

ManufacturerPart #DatasheetDescription
logo
ETRI
62GP016DC13 ETRI-62GP016DC13 Datasheet
166Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13 Datasheet
169Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13_12 Datasheet
169Kb / 1P
   AC High Performance Fans
62GR116DC13 ETRI-62GR116DC13 Datasheet
174Kb / 1P
   AC High Performance Fans
62GR116DC13A ETRI-62GR116DC13A Datasheet
173Kb / 1P
   AC High Performance Fans
More results

Similar Description - 62GB53A

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
   NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
   Plugs & Jacks
logo
3M Electronics
1100 3M-1100 Datasheet
303Kb / 2P
   1100 Series Disposable Ear Plugs
logo
Infineon Technologies A...
CY8C62X6 INFINEON-CY8C62X6 Datasheet
1Mb / 77P
   PSoC 62 MCU
06/22/2020 Revision J
logo
List of Unclassifed Man...
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
   Hole Plugs
561-299371 ETC2-561-299371 Datasheet
189Kb / 3P
   Hole Plugs
logo
Winchester Electronics ...
BD45000 WINCHESTER-BD45000 Datasheet
268Kb / 1P
   Modular Plugs
logo
Amphenol Corporation
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
   Cable Plugs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com