Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDM-0980-002W-35 Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part # LDM-0980-002W-35
Description  Lasing Mode Structure: multi mode Peak Wavelength : typ. 980 nm Optical Ouput Power: 2 W Package: TO-3, without Photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LDM-0980-002W-35 Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  LDM-0980-002W-35 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LDM-0980-002W-35 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LDM-0980-002W-35 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LDM-0980-002W-35 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04.08.2010
ldm_0980_002w_35.doc
4 of 4
Safety of Laser light
• Laser Light can damage the human eyes and skin. Do not expose the
eye or skin directly to any laser light and/or through optical lens. When
handling the LDs, wear appropriate safety glasses to prevent laser
light, even any reflections from entering to the eye. Focused laser
beam through optical instruments will increase the chance of eye
hazard.
• These LDs are emitting invisible light.
Cautions
1. Operating methode
• This LD shall change its forward voltage requirement and optical ouput power according to
temperature change. Also, the LD will require more operation current to maintain same
ouput power as it degrades. In order to maintain output power, use of APC (Automatic
Power Control) is recommended. Which use monitor feedback to adjust the operation
current.
• Confirm that electrical spike current generated by switching on and off does not exceed the
maximum operating current level specified herein above as absolute maximum rating. Also,
employ appropriat countermeasures to reduce chattering and/or overshooting in the circuit.
2. Static Electricity
• Static electricity or electrical surges will reduce and degrade the reliability of the LDs. It is
recommended to use a wrist trap or anti-electrostatic glove when handeling the product.
3. Absolute Maximum Rating
• Active layer of LDs shall have high current density and generate high electric field during its
operation. In order to prevent excessive damage, the LD must be operated striclty below
absolute maximum rating.


Similar Part No. - LDM-0980-002W-35

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LDM-0980-002W-X5 ROITHNER-LDM-0980-002W-X5 Datasheet
202Kb / 3P
   Pumping Medical Usage Infrared Sources for Night Viewing Information Recognition
More results

Similar Description - LDM-0980-002W-35

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LD1430-C003 ROITHNER-LD1430-C003 Datasheet
332Kb / 4P
   Lasing Mode Structure: single mode Peak Wavelength : typ. 1430 nm Optical Ouput Power: 3 mW, CW Package: 5.6 mm, flat window
LD635-C220 ROITHNER-LD635-C220 Datasheet
156Kb / 2P
   Lasing Mode Structure: multi mode Peack Wavelength: typ. 633 nm Optical Ouput Power: 220 mW, CW Package: 9.0 mm, flat window
LD1550-C500 ROITHNER-LD1550-C500 Datasheet
372Kb / 3P
   Lasing Mode Structure: multi mode Peak Wavelength : typ. 1560 nm Optical Ouput Power: 500 mW, CW Package: 9.0 mm, flat window MPD available on request
LD690-C350 ROITHNER-LD690-C350 Datasheet
156Kb / 2P
   Lasing Mode Structure: multi mode Peck Wavelength : typ. 690nm Optical Ouput Power: 350 mW, CW Package: 9.0 mm, flat window
LD-405-200 ROITHNER-LD-405-200 Datasheet
809Kb / 4P
   Peak Wavelength: 405nm Optical Ouput Power: 200mW Multi Transverse Mode Package:5.6 mm, without Photodiode
LD1490-C010 ROITHNER-LD1490-C010 Datasheet
403Kb / 3P
   Lasing Mode: single longitudinal mode Peak Wavelength : typ. 1490 nm Optiacl Ouput Power: 10 mW, CW Package: 5.6 mm, flat window
LD-445-1000MG ROITHNER-LD-445-1000MG Datasheet
372Kb / 3P
   Multi Transverse Mode Peak Wavelength: 445 nm Optical Ouput Power: 1W Package:5.6 mm, dismounted
APG2C1-395 ROITHNER-APG2C1-395 Datasheet
324Kb / 4P
   Structure: InGaN Peak Wavelength: 395 nm Optical Output Power: typ. 55 mWLife Time: > 10.000 hours
APG2C1-410 ROITHNER-APG2C1-410 Datasheet
345Kb / 4P
   Structure: InGaN Peak Wavelength: 410 nm Optical Output Power: typ. 125 mW Life Time: > 10.000 hours
APG2C1-375-E ROITHNER-APG2C1-375-E Datasheet
318Kb / 4P
   Structure: InGaN Peak Wavelength: 375 nm Optical Output Power: typ. 200 mW Life Time: > 10.000 hours
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com