Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-00E67-06CPX-100 Datasheet(PDF) 8 Page - Amphenol Corporation

Part # 67-00E67-06CPX-100
Description  Amphenol 67 and 165 Series Miniaturized Standard Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

67-00E67-06CPX-100 Datasheet(HTML) 8 Page - Amphenol Corporation

Back Button 67-00E67-06CPX-100 Datasheet HTML 2Page - Amphenol Corporation 67-00E67-06CPX-100 Datasheet HTML 3Page - Amphenol Corporation 67-00E67-06CPX-100 Datasheet HTML 4Page - Amphenol Corporation 67-00E67-06CPX-100 Datasheet HTML 5Page - Amphenol Corporation 67-00E67-06CPX-100 Datasheet HTML 6Page - Amphenol Corporation 67-00E67-06CPX-100 Datasheet HTML 7Page - Amphenol Corporation 67-00E67-06CPX-100 Datasheet HTML 8Page - Amphenol Corporation 67-00E67-06CPX-100 Datasheet HTML 9Page - Amphenol Corporation 67-00E67-06CPX-100 Datasheet HTML 10Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
6
Cable Receptacle
for Jacketed Cable
Plug
for Jacketed Cable
Cable Receptacle
for Potting
Plug
for Potting
Square Flange
Receptacle
Amphenol 165 Series
miniaturized standard connectors
DESIGN CHARACTERISTICS
• Approximately one-third the size and weight of
standard MIL-C-5015 connectors
• Quick, positive, bayonet coupling
• O-ring seals in both plugs and receptacles make
connectors pressure proof and water protected
when mated
• Meets pressure seal requirements of MIL-C-5015,
Class C construction
• UL approved recognition file E115497
CUSTOMER OPTIONS
• Five shell styles in two sizes - large and small
• Seven insert configurations
Shell components are fabricated from high grade aluminum
with gray anodize finish. Contacts are copper alloy gold over
nickel plate. Inserts are diallyl phthalate, providing high arc
and insulation resistance under both humidity and thermal
stress conditions. Connectors using female inserts feature a
sandwich construction with the insert spun into a cartridge.
Connectors are factory sealed to prevent leakage.
Amphenol® 165 Series connectors are ideal for applications
that demand a lightweight connector that meets MIL-C-5015
requirements.
For additional information on Amphenol® 165 Series con-
nectors, or for special application requirements, contact your
local sales office, authorized distributor, or
Amphenol Corporation
Amphenol Aerospace
40-60 Delaware Avenue
Sidney, New York 13838-1395
Phone: 607-563-5011
Fax: 607-563-5157
Amphenol Aerospace is a certified ISO 9001 manufacturer.
Connector Weights
Style
Weight (pounds)
Small
Large
Cable receptacle for potting
0.0415
0.0599
Cable receptacle
0.0600
0.0945
Panel receptacle
0.0264
0.0439
Plug
0.0659
0.0975
Plug for potting
0.0302
0.0490
®


Similar Part No. - 67-00E67-06CPX-100

ManufacturerPart #DatasheetDescription
logo
Amphenol Industrial Pro...
67-00E AIO-67-00E Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00E12-60PW-100 AIO-67-00E12-60PW-100 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00E12-60PW-106 AIO-67-00E12-60PW-106 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00E12-60PW-113 AIO-67-00E12-60PW-113 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00E12-60PX-100 AIO-67-00E12-60PX-100 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
More results

Similar Description - 67-00E67-06CPX-100

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
165-26 AMPHENOL-165-26 Datasheet
5Mb / 10P
   Amphenol 67 and 165 Series Miniaturized Standard Connectors
4400 AMPHENOL-4400 Datasheet
1Mb / 10P
   Amphenol 67 and 165 Series Amphenol 67 and 165 Series
165-62 AMPHENOL-165-62 Datasheet
1Mb / 10P
   Miniaturized Standard Connectors
logo
Amphenol Industrial Pro...
67-06E AIO-67-06E Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
logo
Amphenol Corporation
LMD-4022-36LJ AMPHENOL-LMD-4022-36LJ Datasheet
2Mb / 12P
   Amphenol LMD and LMS Modular Connectors
MS3102E18-1S AMPHENOL-MS3102E18-1S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21P AMPHENOL-MS3102R28-21P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A14S-6S AMPHENOL-MS3102A14S-6S Datasheet
2Mb / 73P
   AMPHENOL MIL-DTL-5015 AND MIL-5015 TYPE STANDARD CYLINDRICAL CONNECTORS
MS3106E14S-2S AMPHENOL-MS3106E14S-2S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
217718 AMPHENOL-217718 Datasheet
2Mb / 38P
   Amphenol 97 Series Connectors
12-022-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com