Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-00P67-06CPX-100 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # 67-00P67-06CPX-100
Description  Amphenol 67 and 165 Series Miniaturized Standard Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

67-00P67-06CPX-100 Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button 67-00P67-06CPX-100 Datasheet HTML 2Page - Amphenol Corporation 67-00P67-06CPX-100 Datasheet HTML 3Page - Amphenol Corporation 67-00P67-06CPX-100 Datasheet HTML 4Page - Amphenol Corporation 67-00P67-06CPX-100 Datasheet HTML 5Page - Amphenol Corporation 67-00P67-06CPX-100 Datasheet HTML 6Page - Amphenol Corporation 67-00P67-06CPX-100 Datasheet HTML 7Page - Amphenol Corporation 67-00P67-06CPX-100 Datasheet HTML 8Page - Amphenol Corporation 67-00P67-06CPX-100 Datasheet HTML 9Page - Amphenol Corporation 67-00P67-06CPX-100 Datasheet HTML 10Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
5
Alternate Insert Positions
Size
Size
Size
12
14
18, 20, 22
No letter
X
W
Front of socket and rear of pin insert
67 Series
how to order
Amphenol® 67 Series “Minni E” Connectors can be ordered
by coded part number. Ordering procedure is illustrated by
part number 67-06E12-7PW-100 as shown below:
67–06
E
12–7
P
W
100
Series Designation
Shell Style
Construction
Insert Arrangement
Type of Contact
Alternate Insert Positions
Deviations
Series Designation
67 –
Shell Style
00 - Wall mounting receptacle
01 - Cable mounting receptacle
02 - Panel mount receptacle
03 - Rear panel mount, round flange receptacle
06 - Cable plug - straight
Construction
E Environmentally sealed
(Unitized grommet)
P Environmentally sealed
(Disposable polyethylene potting form furnished)
J
Sealing clamp for jacketed cable
(Waterproof)
C
Mechanical Clamp
(Sealed only when potted)
Insert Arrangement
See available insert arrangements, page 4
Type of Contact
P -
Pin
S -
Socket
Deviations
100 - 100 µin. gold over silver contacts
106 - Pretinned solder wells
113 - Aluminum parts iridite finish


Similar Part No. - 67-00P67-06CPX-100

ManufacturerPart #DatasheetDescription
logo
Amphenol Industrial Pro...
67-00P AIO-67-00P Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00P12-60PW-100 AIO-67-00P12-60PW-100 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00P12-60PW-106 AIO-67-00P12-60PW-106 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00P12-60PW-113 AIO-67-00P12-60PW-113 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00P12-60PX-100 AIO-67-00P12-60PX-100 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
More results

Similar Description - 67-00P67-06CPX-100

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
165-26 AMPHENOL-165-26 Datasheet
5Mb / 10P
   Amphenol 67 and 165 Series Miniaturized Standard Connectors
4400 AMPHENOL-4400 Datasheet
1Mb / 10P
   Amphenol 67 and 165 Series Amphenol 67 and 165 Series
165-62 AMPHENOL-165-62 Datasheet
1Mb / 10P
   Miniaturized Standard Connectors
logo
Amphenol Industrial Pro...
67-06E AIO-67-06E Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
logo
Amphenol Corporation
LMD-4022-36LJ AMPHENOL-LMD-4022-36LJ Datasheet
2Mb / 12P
   Amphenol LMD and LMS Modular Connectors
MS3102E18-1S AMPHENOL-MS3102E18-1S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21P AMPHENOL-MS3102R28-21P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A14S-6S AMPHENOL-MS3102A14S-6S Datasheet
2Mb / 73P
   AMPHENOL MIL-DTL-5015 AND MIL-5015 TYPE STANDARD CYLINDRICAL CONNECTORS
MS3106E14S-2S AMPHENOL-MS3106E14S-2S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
217718 AMPHENOL-217718 Datasheet
2Mb / 38P
   Amphenol 97 Series Connectors
12-022-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com