Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62GB12F Datasheet(PDF) 8 Page - Amphenol Corporation

Part # 62GB12F
Description  62 GB- Series Plugs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

62GB12F Datasheet(HTML) 8 Page - Amphenol Corporation

Back Button 62GB12F Datasheet HTML 4Page - Amphenol Corporation 62GB12F Datasheet HTML 5Page - Amphenol Corporation 62GB12F Datasheet HTML 6Page - Amphenol Corporation 62GB12F Datasheet HTML 7Page - Amphenol Corporation 62GB12F Datasheet HTML 8Page - Amphenol Corporation 62GB12F Datasheet HTML 9Page - Amphenol Corporation 62GB12F Datasheet HTML 10Page - Amphenol Corporation 62GB12F Datasheet HTML 11Page - Amphenol Corporation 62GB12F Datasheet HTML 12Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
Insert Availability
NOTES
*
This insert arrangement is not included in B.S.
spec., but is available and. listed in MIL-C-26482.
Due to the arrangement of contacts in the
14-12 insert arrangement it is classified, for
current derating, in the shell size range 18-24.
Lettering of inserts shown above corresponds to view of front
(mating surface of pin inserts or rear face (cable accessory
end) of socket inserts.
KEY
No 16 size contacts
O No 20 size contacts
CURRENT RATING
Maximum current per individual contact (in isolation) at a
maximum ambient temperature of 85°C: Size 20 contact 7.5A
Size 16 contact 13-OA The performance of 62GB Series
connectors at all times exceeds the maximum continuous
bunched rating of the appropriate size wire, or cable of
equivalent temperature rating. This bunched rating is therefore
the determining factor. In the case of mixed loadings, the
greatest individual load shall be the bunched loading. In any
combination of ambient temperature plus temperature rise due
to current flow through the contacts, the maximum connector
internal hot spot temperature of 125°C must not be exceeded.
That is, when only one contact per connector is loaded.


Similar Part No. - 62GB12F

ManufacturerPart #DatasheetDescription
logo
ETRI
62GP016DC13 ETRI-62GP016DC13 Datasheet
166Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13 Datasheet
169Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13_12 Datasheet
169Kb / 1P
   AC High Performance Fans
62GR116DC13 ETRI-62GR116DC13 Datasheet
174Kb / 1P
   AC High Performance Fans
62GR116DC13A ETRI-62GR116DC13A Datasheet
173Kb / 1P
   AC High Performance Fans
More results

Similar Description - 62GB12F

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
   NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
   Plugs & Jacks
logo
3M Electronics
1100 3M-1100 Datasheet
303Kb / 2P
   1100 Series Disposable Ear Plugs
logo
Infineon Technologies A...
CY8C62X6 INFINEON-CY8C62X6 Datasheet
1Mb / 77P
   PSoC 62 MCU
06/22/2020 Revision J
logo
List of Unclassifed Man...
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
   Hole Plugs
561-299371 ETC2-561-299371 Datasheet
189Kb / 3P
   Hole Plugs
logo
Winchester Electronics ...
BD45000 WINCHESTER-BD45000 Datasheet
268Kb / 1P
   Modular Plugs
logo
Amphenol Corporation
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
   Cable Plugs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com