Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-6425 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6425
Description  18-28 GHz 1W Power Amplifier in SMT Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6425 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6425_13 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_13 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_13 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_13 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_13 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_13 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_13 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_13 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_13 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AMMP-6425
18-28 GHz 1W Power Amplifier
in SMT Package
Data Sheet
Description
The AMMP-6425 MMIC is a broadband 1W power
amplifier in a surface mount package designed for use
in transmitters that operate in various frequency bands
between 18GHz and 28GHz. At 25GHz, it provides 31dBm
of output power (P-1dB) and 25dB of small-signal gain
from a small easy-to-use device. The device has input
and output matching circuitry for use in 50Ω environ-
ments. The AMMP-6425 also integrates a temperature
compensated RF power detection circuit that enables
power detection of 0.25V/W. DC bias is simple and the
device operates on widely available 5V for current supply
(negative voltage only needed for Vg). It is fabricated in
a PHEMT process for exceptional power and gain perfor-
mance.
Package Diagram
Features
5x5 mm Surface Mount Package
Wide Frequency Range 18-28GHz
One watt output power
50 Ω match on input and output
Specifications (Vd=5V, Idq=650mA)
Frequency range 18 to 28 GHz
Small signal Gain of 22dB
Output power @P-1 of 28dBm (Typ.)
Input/Output return-loss of -12dB
Applications
Microwave Radio systems
Satellite VSAT, DBS Up/Down Link
LMDS & Pt-Pt mmW Long Haul
Broadband Wireless Access (including 802.16 and
802.20 WiMax)
WLL and MMDS loops
Commercial grade military
Functional Block Diagram
Attention: Observe Precautions for
handling electrostatic sensitive devices.
ESD Machine Model (Class A): 60V
ESD Human Body Model (Class 0): 200V
Refer to Avago Application Note A004R:
Electrostatic Discharge Damage and Control.
Note:
1. This MMIC uses depletion mode pHEMT devices. Negative supply is
used for DC gate biasing.
1
2
3
7
5
6
4
8
RF IN
RF OUT
Vd
Vg
DET_O
Vd
Vg
DET_R
Note: MSL Rating = Level 2A
1
2
3
7
5
6
4
8
GND
BASE
PACKAGE
Pin
1
2
3
4
5
6
7
8
Function
Vg
Vd
DET_O
RF_out
DET_R
Vd
Vg
RF_in


Similar Part No. - AMMP-6425_13

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_15 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier
More results

Similar Description - AMMP-6425_13

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425 Datasheet
886Kb / 11P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-6425 BOARDCOM-AMMP-6425 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_15 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier
AMMP-6442 AVAGO-AMMP-6442 Datasheet
323Kb / 8P
   37- 40 GHz, 1W Linear Power Amplifier in SMT Package
logo
TriQuint Semiconductor
TGA1135B TRIQUINT-TGA1135B Datasheet
1Mb / 8P
   18-27.5 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6425 AVAGO-AMMC-6425 Datasheet
663Kb / 7P
   18 - 28 GHz Power Amplifier
logo
TriQuint Semiconductor
TGA1135B-SCC TRIQUINT-TGA1135B-SCC Datasheet
1Mb / 10P
   18-27 GHz 1W Power Amplifier
TGA1135B-SCC TRIQUINT-TGA1135B-SCC_15 Datasheet
930Kb / 10P
   18 27 GHz 1W Power Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-6420 HP-AMMP-6420 Datasheet
88Kb / 4P
   6-18 GHz 1W Power Amplifier
logo
Broadcom Corporation.
AMMC-6408 BOARDCOM-AMMC-6408 Datasheet
589Kb / 12P
   6-18 GHz 1W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com