Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-6442-BLKG Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6442-BLKG
Description  37- 40 GHz, 1W Linear Power Amplifier in SMT Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6442-BLKG Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6442-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6442-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6442-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6442-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6442-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6442-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6442-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6442-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2013 Avago Technologies. All rights reserved.
AV02-2399EN - July 9, 2013
AMMP-64xx Part Number Ordering Information
Part Number
Devices Per
Container
Container
AMMP-6442-BLKG
10
Antistatic bag
AMMP-6442-TR1G
100
7” Reel
AMMP-6442-TR2G
500
7” Reel
Package Dimension, PCB Layout and Tape and Reel information
Please refer to Avago Technologies Application Note 5521, AMxP-xxxx production Assembly Process (Land Pattern B).


Similar Part No. - AMMP-6442-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6442-BLKG AVAGO-AMMP-6442-BLKG Datasheet
118Kb / 2P
   Refer to Appendix A
More results

Similar Description - AMMP-6442-BLKG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4542 TRIQUINT-TGA4542 Datasheet
1Mb / 13P
   37 - 40 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6442 AVAGO-AMMC-6442 Datasheet
452Kb / 8P
   37 - 40 GHz 1W Power Amplifier
logo
TriQuint Semiconductor
TGA4542 TRIQUINT-TGA4542_15 Datasheet
1Mb / 13P
   37 to 40 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_13 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
AMMP-6425 AVAGO-AMMP-6425 Datasheet
886Kb / 11P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-6425 BOARDCOM-AMMP-6425 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
TriQuint Semiconductor
TGA4538 TRIQUINT-TGA4538_15 Datasheet
508Kb / 17P
   37 to 40 GHz Power Amplifier
logo
Fairchild Semiconductor
RMPA39000 FAIRCHILD-RMPA39000 Datasheet
206Kb / 10P
   37-40 GHz GaAs MMIC Power Amplifier
logo
Broadcom Corporation.
AMMP-6421 BOARDCOM-AMMP-6421 Datasheet
311Kb / 10P
   13-16 GHz 1W Power Amplifi er in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6421 AVAGO-AMMP-6421 Datasheet
311Kb / 10P
   13-16 GHz 1W Power Amplifi er in SMT Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com