Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-6430-TR2G Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6430-TR2G
Description  27-34 GHz, 0.5W Power Amplifier in SMT Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6430-TR2G Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6430-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6430-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
0
5
10
15
20
25
30
10
15
20
25
30
35
40
45
Frequency [GHz]
-50
-30
-25
-20
-15
-10
-5
0
10
15
20
25
30
35
40
45
Frequency [GHz]
0
5
10
15
20
25
30
35
24
25
26
27
28
29
30
31
32
33
34
Frequency[GHz]
P-1
PAE, @P-1
P-3
PAE, @P-3
-5
0
5
10
15
20
25
30
35
40
-25
-20
-15
-10
-5
0
5
10
15
20
Pin [dBm]
400
500
600
700
800
900
1000
1100
1200
1300
30
32
34
36
38
40
42
44
46
25
26
27
28
29 30
31
32
33
34
35
Frequency [GHz]
0
2
4
6
8
10
24
26
28
30
32
34
36
Frequency [GHz]
S12[dB]
S21[dB]
S11[dB]
S22[dB]
Pout(dBm)
PAE[%]
Id(total)
AMMP-6430 Typical Performance
(Data obtained from 2.4-mm connector based test fixture, and this data is including connecter loss, and board loss.)
(TA = 25°C, Vd=5V, Idq=650mA, Vg=-1.1 V, Zin = Zout = 50Ω)
Figure 6. Typical Noise Figure
Figure 1. Typical Gain and Reverse Isolation
Figure 2. Typical Input & Output Return Loss
Figure 4. Typical Pout, Ids, and PAE vs. Pin at Freq=30GHz
Figure 3. Typical P-1 and PAE
Figure 5. Typical IP3 (Third Order Intercept) @Pin=-20dBm


Similar Part No. - AMMP-6430-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6430-TR2G AVAGO-AMMP-6430-TR2G Datasheet
895Kb / 11P
   27-32 GHz 0.5W Power Amplifier in SMT Package
AMMP-6430-TR2G AVAGO-AMMP-6430-TR2G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6430-TR2G BOARDCOM-AMMP-6430-TR2G Datasheet
271Kb / 9P
   27-34 GHz, 0.5W Power Amplifier in SMT Package
More results

Similar Description - AMMP-6430-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMP-6430 BOARDCOM-AMMP-6430 Datasheet
271Kb / 9P
   27-34 GHz, 0.5W Power Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6430 AVAGO-AMMP-6430 Datasheet
895Kb / 11P
   27-32 GHz 0.5W Power Amplifier in SMT Package
logo
Hittite Microwave Corpo...
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_13 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-6425 BOARDCOM-AMMP-6425 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425 Datasheet
886Kb / 11P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
Tyco Electronics
MAAPGM0028 MACOM-MAAPGM0028 Datasheet
213Kb / 5P
   2.0-6.5 GHz 0.5W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6442 AVAGO-AMMP-6442 Datasheet
323Kb / 8P
   37- 40 GHz, 1W Linear Power Amplifier in SMT Package
logo
Tyco Electronics
MAAP-000044-PKG003 MACOM-MAAP-000044-PKG003 Datasheet
377Kb / 9P
   Amplifier, Power, 0.5W 12.7-15.4 GHz
MAAPGM0044-DIE MACOM-MAAPGM0044-DIE Datasheet
255Kb / 5P
   Amplifier, Power, 0.5W 11.5-16.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com