Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVT-51663-BLKG Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # AVT-51663-BLKG
Description  DC ??6000 MHz InGaP HBT Gain Block
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AVT-51663-BLKG Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AVT-51663-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AVT-51663-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AVT-51663-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AVT-51663-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AVT-51663-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AVT-51663-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AVT-51663-BLKG Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AVT-51663-BLKG Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AVT-51663-BLKG Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Part Number Ordering Information
Part Number
No. of Devices
Container
AVT-51663-TR1G
3000
7” Reel
AVT-51663-BLKG
100
Antistatic bag
Package Dimensions
Outline 63 (SOT-363/SC-70)
Recommended PCB Pad Layout for
Avago’s SC70 6L/SOT-363 Products
Notes:
1. All dimensions are in mm.
2. Dimensions are inclusive of plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to EIAJSC70.
5. Die is facing up for mold and facing down for trim/form,
ie: reverse trim/form.
6. Package surface to be mirror finish. 0.650BCS.
Symbol
Dimensions (mm)
Min
Max
E
1.15
1.35
D
1.80
2.25
HE
1.80
2.40
A
0.80
1.10
A2
0.80
1.00
A1
0.00
0.10
Q1
0.10
0.40
e
0.65
b
0.15
0.30
c
0.08
0.25
L
0.10
0.46
E
HE
D
e
A1
b
A
A2
Q1
L
c
0.026
0.079
0.018
0.039
Dimensions in inches.


Similar Part No. - AVT-51663-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-51663 AVAGO-AVT-51663_15 Datasheet
358Kb / 13P
   InGaP HBT Gain Block
More results

Similar Description - AVT-51663-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-53663 AVAGO-AVT-53663 Datasheet
310Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
DEMO-AVT-5X663 BOARDCOM-DEMO-AVT-5X663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
AVT-53663 BOARDCOM-AVT-53663 Datasheet
310Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-50663 AVAGO-AVT-50663 Datasheet
367Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
AVT-55689 AVAGO-AVT-55689 Datasheet
500Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
AVT-54689 AVAGO-AVT-54689 Datasheet
579Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-54689 BOARDCOM-AVT-54689 Datasheet
592Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
AVT-55689 BOARDCOM-AVT-55689 Datasheet
511Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com