Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVT-54689-TR1G Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AVT-54689-TR1G
Description  50 ??6000 MHz InGaP HBT Gain Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AVT-54689-TR1G Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AVT-54689-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-TR1G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AVT-54689-TR1G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
AVT-54689 Typical Scattering Parameters TA = 25° C, Zo = 50 Ω, Vcc = 5.5 V, (unless specified otherwise)
Freq(GHz)
S11
S21
S12
S22
K
mag
angle
dB
mag
angle
mag
angle
mag
angle
0.05
0.06
-74.2
20.02
10.03
172.7
0.07
4.6
0.17
-32.3
1.1
0.10
0.03
-67.5
19.92
9.91
171.4
0.07
1.2
0.15
-28.4
1.1
0.50
0.03
-6.8
19.62
9.57
150.8
0.07
-10.3
0.16
-48.9
1.1
0.90
0.06
-18.0
19.25
9.18
129.4
0.07
-19.5
0.19
-71.6
1.1
1.50
0.14
-54.9
18.56
8.47
98.1
0.06
-30.8
0.25
-102.7
1.1
2.00
0.17
-79.3
17.90
7.85
72.7
0.06
-39.4
0.28
-131.5
1.2
2.50
0.18
-108.6
17.14
7.19
47.6
0.06
-48.2
0.30
-162.6
1.2
3.00
0.20
-141.8
16.21
6.46
22.9
0.06
-57.2
0.34
168.5
1.2
3.50
0.24
-172.5
15.11
5.70
-0.8
0.06
-66.4
0.38
145.5
1.2
4.00
0.28
161.8
13.94
4.98
-23.3
0.06
-75.6
0.43
126.6
1.2
4.50
0.31
136.3
12.79
4.36
-45.3
0.06
-85.8
0.46
107.8
1.3
5.00
0.35
111.5
11.68
3.84
-67.0
0.07
-97.2
0.47
86.5
1.3
5.50
0.38
87.1
10.55
3.37
-88.1
0.07
-109.3
0.49
67.0
1.3
6.00
0.39
57.7
9.30
2.92
-109.3
0.07
-122.9
0.54
50.1
1.4
6.50
0.43
28.2
7.84
2.47
-130.7
0.07
-137.8
0.58
31.8
1.4
7.00
0.50
4.9
6.15
2.03
-151.3
0.07
-152.9
0.63
12.8
1.5
7.50
0.57
-10.1
4.29
1.64
-170.3
0.06
-167.3
0.67
-6.5
1.6
8.00
0.63
-19.5
2.41
1.32
172.3
0.06
179.2
0.71
-24.8
1.7
8.50
0.66
-27.4
0.66
1.08
156.2
0.05
166.4
0.74
-41.3
1.9
9.00
0.68
-37.2
-0.92
0.90
140.7
0.05
153.6
0.77
-55.5
2.1
9.50
0.70
-50.3
-2.37
0.76
125.2
0.05
140.3
0.79
-67.6
2.3
10.00
0.72
-65.6
-3.79
0.65
109.9
0.04
126.8
0.80
-78.0
2.6
10.50
0.75
-80.6
-5.25
0.55
95.4
0.04
113.6
0.82
-86.8
2.7
11.00
0.78
-93.5
-6.71
0.46
82.4
0.04
101.6
0.83
-94.0
2.9
11.50
0.80
-103.6
-8.13
0.39
71.2
0.04
90.9
0.84
-100.0
3.0
12.00
0.82
-111.1
-9.48
0.34
61.7
0.03
81.7
0.86
-105.0
3.1
12.50
0.83
-117.0
-10.75
0.29
53.2
0.03
73.1
0.87
-109.9
3.4
13.00
0.84
-122.6
-12.01
0.25
44.7
0.03
64.5
0.88
-115.8
3.9
13.50
0.84
-128.5
-13.32
0.22
35.8
0.03
55.4
0.88
-123.0
4.5
14.00
0.85
-134.9
-14.69
0.18
26.4
0.03
45.7
0.89
-131.1
5.2
14.50
0.86
-141.3
-16.03
0.16
16.9
0.02
35.9
0.90
-139.0
5.9
15.00
0.86
-147.7
-17.22
0.14
7.4
0.02
26.3
0.91
-146.4
6.6
16.00
0.87
-160.8
-18.97
0.11
-10.4
0.02
13.4
0.91
-160.3
8.9
17.00
0.86
-175.8
-19.91
0.10
-26.6
0.02
6.2
0.91
-174.0
9.8
18.00
0.85
166.8
-20.50
0.09
-42.9
0.03
-4.9
0.91
171.6
9.6
19.00
0.85
151.4
-21.24
0.09
-57.3
0.03
-16.3
0.90
158.0
9.3
20.00
0.86
140.5
-22.02
0.08
-66.3
0.03
-21.3
0.90
147.3
9.2
Notes:
1. S-parameters are measured on a CPWG line fabricated on 0.025 inch thick Rogers® RO4350 material. The input reference plane is at the end of the
input lead. The output reference plane is at the end of the output lead.


Similar Part No. - AVT-54689-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AVT-54689 BOARDCOM-AVT-54689 Datasheet
592Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-54689 AVAGO-AVT-54689_15 Datasheet
592Kb / 11P
   InGaP HBT Gain Block
More results

Similar Description - AVT-54689-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AVT-55689 AVAGO-AVT-55689 Datasheet
500Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-54689 BOARDCOM-AVT-54689 Datasheet
592Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
AVT-55689 BOARDCOM-AVT-55689 Datasheet
511Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-53663 AVAGO-AVT-53663 Datasheet
310Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
DEMO-AVT-5X663 BOARDCOM-DEMO-AVT-5X663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-51663 AVAGO-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-53663 BOARDCOM-AVT-53663 Datasheet
310Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-50663 AVAGO-AVT-50663 Datasheet
367Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com