Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA1LAP1700 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # MA1LAP1700
Description  MotionGrade M23 and M40 Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MA1LAP1700 Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button MA1LAP1700 Datasheet HTML 3Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 4Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 5Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 6Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 7Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 8Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 9Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 10Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
6
www.sineco.com
M23 and M40
Connectors & Cables
TYPE
6pos
8pos
P/N
MC1LKN0600
MC1LKN0800
M40 Power Solutions - C Series
TYPE
6pos
8pos
P/N
MC1CJN0600
MC1CJN0800
TYPE
6pos
8pos
P/N
MC1JJN0600
MC1JJN0800
TYPE
6pos
8pos
P/N
MC1NJN0600
MC1NJN0800
42mm
Ø45mm
30mm
30mm
Ø32mm
M4mm
Ø45mm
42mm
Ø45mm
30mm
30mm
Ø32mm
M4mm
Ø45mm
Mounting
Holes
Mounting
Holes
Plugs accept Sockets only
Receptacles & Extensions accept Pins only
PART NUMBER
PART NUMBER
SC000040
SC000041
SC000014
SC000045
SC000039
SC000046
CONTACT SIZE
CONTACT SIZE
2.0mm
3.6mm
2.0mm
2.0mm
3.6mm
3.6mm
TYPE
TYPE
Machined
Machined
RockSolid
Slit Machined
RockSolid
Slit Machined
CRIMP BARREL (MAX)
CRIMP BARREL (MAX)
2.5mm2
(14 GA)
10.0mm2
(8 GA)
2.5mm2
(14 GA)
2.5mm2
(14 GA)
10.0mm2
(8 GA)
10.0mm2
(8 GA)
EXTRACTION TOOL
EXTRACTION TOOL
50-54931-2
50-54931-3
50-54931-2
50-54931-2
50-54931-3
50-54931-3
Pins
Sockets
[+] Longer contact life
[+] Lower contact resistence
[+] Immunity to shock and vibration
[+] Low insertion and extraction forces
[+] Contact area extends 360° around pins
Plugs (Less contacts)
2
W
-
+
U
1
V
W
-
+
U
Straight Receptacles (Less contacts)
Fixed 90° Receptacles (Less contacts)
Extensions (Less contacts)
M40 C Series (Face view of socket insert)
6pos
8pos
51.7mm
Ø45.5mm
62mm
Ø45mm
M4mm
30mm
30mm
Ø32mm
101mm
32.5mm
45mm
55mm
M4mm
30mm
30mm
Ø32mm
101mm
32.5mm
45mm
55mm
Contact Size Legend
2.0mm
3.6mm
2
W
-
+
U
1
V


Similar Part No. - MA1LAP1700

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MA1L1FAA MTRONPTI-MA1L1FAA Datasheet
258Kb / 1P
   14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
MA1L1FAA-R MTRONPTI-MA1L1FAA-R Datasheet
258Kb / 1P
   14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
MA1L1FAD MTRONPTI-MA1L1FAD Datasheet
258Kb / 1P
   14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
MA1L1FAD-R MTRONPTI-MA1L1FAD-R Datasheet
258Kb / 1P
   14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
MA1L1FAG MTRONPTI-MA1L1FAG Datasheet
258Kb / 1P
   14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
More results

Similar Description - MA1LAP1700

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
M23-CIRCULAR HARTING-M23-CIRCULAR Datasheet
1Mb / 14P
   M23 Circular Connectors Selection Guide
logo
Alpha Wire
ER1900127 ALPHAWIRE-ER1900127 Datasheet
166Kb / 2P
   M23 Female
ER1200126 ALPHAWIRE-ER1200126 Datasheet
158Kb / 2P
   M23 Female
logo
FIBOX Enclosing innovat...
8818223 FIBOX-8818223 Datasheet
37Kb / 1P
   GVPPA M40
17.08.2023
logo
Alpha Wire
FW12EW126 ALPHAWIRE-FW12EW126 Datasheet
179Kb / 2P
   M23 Male 90 Degree to M23 Female 90 Degree
logo
PHOENIX CONTACT
1035117 PHOENIX-1035117 Datasheet
230Kb / 5P
   M23-Z0001 - Screw
logo
Alpha Wire
FW19EW127 ALPHAWIRE-FW19EW127 Datasheet
215Kb / 3P
   M23 Male 90 Degree to M23 Female 90 Degree
logo
PHOENIX CONTACT
1692844 PHOENIX-1692844 Datasheet
178Kb / 6P
   SACB-8/16-M23
logo
Alpha Wire
EW1900127 ALPHAWIRE-EW1900127 Datasheet
176Kb / 2P
   M23 Female 90 Degree
logo
PHOENIX CONTACT
1692831 PHOENIX-1692831 Datasheet
171Kb / 6P
   SACB-8/ 8-M23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com