Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA1LAP1700 Datasheet(PDF) 10 Page - Amphenol Corporation

Part # MA1LAP1700
Description  MotionGrade M23 and M40 Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MA1LAP1700 Datasheet(HTML) 10 Page - Amphenol Corporation

Back Button MA1LAP1700 Datasheet HTML 4Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 5Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 6Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 7Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 8Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 9Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 10Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 11Page - Amphenol Corporation MA1LAP1700 Datasheet HTML 12Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
9
Amphenol Sine Systems
BASE CURVE
CORRECTED CURVE
PERMISSABLE OPERATING RANGE
tu
I
The Derating Curve depicts a safe operating zone in which amperage and ambient temperature are the
factors. This curve on the chart is an 80% reduction of the current-carrying capacity curve.
The current-carrying capacity curve is determined from tests in which the mated connectors are subjected to
different levels of current. At these levels of current, the temperature of the hottest spot of the mated con-
nector and the temperature inside the test enclosure are recorded. Using this data, plugged into a formula,
points are plotted on a chart. When the points are connected, the completed curve is the current-carrying
capacity curve.
Derating Curves


Similar Part No. - MA1LAP1700

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MA1L1FAA MTRONPTI-MA1L1FAA Datasheet
258Kb / 1P
   14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
MA1L1FAA-R MTRONPTI-MA1L1FAA-R Datasheet
258Kb / 1P
   14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
MA1L1FAD MTRONPTI-MA1L1FAD Datasheet
258Kb / 1P
   14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
MA1L1FAD-R MTRONPTI-MA1L1FAD-R Datasheet
258Kb / 1P
   14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
MA1L1FAG MTRONPTI-MA1L1FAG Datasheet
258Kb / 1P
   14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
More results

Similar Description - MA1LAP1700

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
M23-CIRCULAR HARTING-M23-CIRCULAR Datasheet
1Mb / 14P
   M23 Circular Connectors Selection Guide
logo
Alpha Wire
ER1900127 ALPHAWIRE-ER1900127 Datasheet
166Kb / 2P
   M23 Female
ER1200126 ALPHAWIRE-ER1200126 Datasheet
158Kb / 2P
   M23 Female
logo
FIBOX Enclosing innovat...
8818223 FIBOX-8818223 Datasheet
37Kb / 1P
   GVPPA M40
17.08.2023
logo
Alpha Wire
FW12EW126 ALPHAWIRE-FW12EW126 Datasheet
179Kb / 2P
   M23 Male 90 Degree to M23 Female 90 Degree
logo
PHOENIX CONTACT
1035117 PHOENIX-1035117 Datasheet
230Kb / 5P
   M23-Z0001 - Screw
logo
Alpha Wire
FW19EW127 ALPHAWIRE-FW19EW127 Datasheet
215Kb / 3P
   M23 Male 90 Degree to M23 Female 90 Degree
logo
PHOENIX CONTACT
1692844 PHOENIX-1692844 Datasheet
178Kb / 6P
   SACB-8/16-M23
logo
Alpha Wire
EW1900127 ALPHAWIRE-EW1900127 Datasheet
176Kb / 2P
   M23 Female 90 Degree
logo
PHOENIX CONTACT
1692831 PHOENIX-1692831 Datasheet
171Kb / 6P
   SACB-8/ 8-M23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com