Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C09111D0070002 Datasheet(PDF) 11 Page - Amphenol Corporation

Part # C09111D0070002
Description  Amphenol-Tuchel Electronics GmbH
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

C09111D0070002 Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button C09111D0070002 Datasheet HTML 7Page - Amphenol Corporation C09111D0070002 Datasheet HTML 8Page - Amphenol Corporation C09111D0070002 Datasheet HTML 9Page - Amphenol Corporation C09111D0070002 Datasheet HTML 10Page - Amphenol Corporation C09111D0070002 Datasheet HTML 11Page - Amphenol Corporation C09111D0070002 Datasheet HTML 12Page - Amphenol Corporation C09111D0070002 Datasheet HTML 13Page - Amphenol Corporation C09111D0070002 Datasheet HTML 14Page - Amphenol Corporation C09111D0070002 Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Amphenol
11
Description
Drawing
No. of
cont.
Part Number solder termination
Contact plating
gold 2) ring nut
Part No. Crimp
termination
1)
ring nut
Female receptacle,
termination: solder or crimp,
panel mounting with ring or hex nut,
contact plating: silver or gold.
Female receptacle,
termination: straight dip solder,
pin length 15 mm from flange,
panel mounting with ring nut,
contact plating: silver or gold,
solder area: tin plated.
Female receptacle,
termination: straight dip solder,
pin length 19 mm from flange,
panel mounting with ring nut,
contact plating: silver,
solder area: tin plated.
Female receptacle,
termination: straight dip solder,
pin length 24 mm from flange,
panel mounting with ring nut,
contact plating: silver,
solder area: tin plated.
2
3 3)
4 3)
5
5 S 3)
6 3)
7
7 3)
8 3)
12
14
2
3 3)
4 3)
5
5 S 3)
6 3)
7
7 3)
8 3)
12
14
2
3 3)
4 3)
5
5 S 3)
6 3)
7
7 3)
8 3)
12
14
2
3 3)
4 3)
5
5 S 3)
6 3)
7
7 3)
8 3)
12
14
T 3203 000
T 3263 000
T 3303 000
T 3363 000
T 3363 010
T 3403 000
T 3478 000
T 3487 000
T 3507 000
T 3638 000
T 3653 000
T 3263 300
T 3303 300
T 3363 300
T 3359 300
T 3403 300
T 3478 300
T 3487 300
T 3507 300
T 3263 320
T 3303 320
T 3363 320
T 3359 320
T 3403 320
T 3478 320
T 3487 320
T 3507 320
T 3263 330
T 3303 330
T 3363 330
T 3359 330
T 3403 330
T 3478 330
T 3487 330
T 3507 330
T 3203 009
T 3263 009
T 3303 009
T 3363 009
T 3359 009
T 3403 009
T 3478 009
T 3487 009
T 3507 009
T 3638 009
T 3653 009
T 3203 018
T 3263 018
T 3303 018
T 3363 018
T 3359 018
T 3403 018
T 3478 018
T 3487 018 4)
T 3507 018
T 3638 004
T 3653 004
T 3638 304
T 3653 304
T 3263 550
T 3303 550
T 3363 550
T 3359 550
T 3403 550
T 3478 550
T 3487 550
T 3507 550
*Measure 12- and 14-pol.=14 ± 0,3
Female receptacle,
screw locking,
front mounting
C 091 A
Contact plating silver
ring nut
hex nut
1)
Please order crimp contacts separately, see page 43
2)
See remark page 6
3)
Contact order for DIN EN 60 130-9
4)
Available upon request.
16
(.630)
(.040)
1
11,5
(.453)
13
(.512)
(.600)
15
(.040)
1
11,5
(.453)
13
(.512)
(.157)
4
(.748)
19
(.040)
1
13
(.512)
11,5
(.453)
(.945)
24
(.040)
1
13
(.512)
11,5
(.453)
(.157)
4
18+0,1
(.709)
2,8
(.110)
+0,1
max.5mm
max. 5 mm
Panel cutout
Tightening
torque 0,7 Nm


Similar Part No. - C09111D0070002

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0911A GENERAL-C0911A Datasheet
73Kb / 1P
   Computer Cable
More results

Similar Description - C09111D0070002

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C01620C00310012 AMPHENOL-C01620C00310012 Datasheet
1Mb / 20P
   Amphenol-Tuchel Electronics gmbh
C091-31G006-100-2 AMPHENOL-C091-31G006-100-2 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
VN01-016-0004-1 AMPHENOL-VN01-016-0004-1 Datasheet
1Mb / 20P
   amphenol-tuchel electronics gmbh
VN16-210-0014-X AMPHENOL-VN16-210-0014-X Datasheet
666Kb / 7P
   amphenol-tuchel electronics gmbh
C11213D00400007 AMPHENOL-C11213D00400007 Datasheet
1Mb / 36P
   amphemol-tuchel electronics gmbh
logo
eupec GmbH
FS300R12KF4 EUPEC-FS300R12KF4 Datasheet
127Kb / 3P
   European Power- Semiconductor and Electronics Company GmbH Co. KG
logo
List of Unclassifed Man...
DD171N ETC-DD171N Datasheet
175Kb / 4P
   European Power- Semiconductor and Electronics Company GmbH Co. KG
logo
Amphenol Corporation
G17S0910110EU AMPHENOL-G17S0910110EU Datasheet
359Kb / 1P
   Amphenol Corporation Amphenol Taiwan Corporation
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
logo
List of Unclassifed Man...
RS199 ETC2-RS199 Datasheet
187Kb / 1P
   EDSYN GMBH EUROPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com