Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C09111F0030002 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # C09111F0030002
Description  Amphenol-Tuchel Electronics GmbH
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

C09111F0030002 Datasheet(HTML) 5 Page - Amphenol Corporation

  C09111F0030002 Datasheet HTML 1Page - Amphenol Corporation C09111F0030002 Datasheet HTML 2Page - Amphenol Corporation C09111F0030002 Datasheet HTML 3Page - Amphenol Corporation C09111F0030002 Datasheet HTML 4Page - Amphenol Corporation C09111F0030002 Datasheet HTML 5Page - Amphenol Corporation C09111F0030002 Datasheet HTML 6Page - Amphenol Corporation C09111F0030002 Datasheet HTML 7Page - Amphenol Corporation C09111F0030002 Datasheet HTML 8Page - Amphenol Corporation C09111F0030002 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
Amphenol
5
C 091 A
Main Features
• Metal locking ring; screw locking according to DIN EN 60130-9 / IEC 60130-9
• Number of contacts: 2 – 8, 12 and 14 contacts
• Internal strain relief
• Good shielding effectiveness when mated and locked
• Male and female cable connectors
- Straight or right angled
- Solder connection: 2 – 8, 12 and 14 contacts
- Crimp connection: 2 – 8 contacts
- With cable sleeve for max. cable diameter 6 mm, or
- With cable glands for cable diameter 4 – 6 mm or 6 – 8 mm
• Male and female receptacles
- Panel mount types for front or rear panel mounting
- Pcb mount types, straight or right angled
- With dip solder contacts of various contact lengths
- Solder connection: 2 – 8, 12 and 14 contacts
- Crimp connection: 2 – 8 contacts
• Coloured back shells optional
• UL registered under file number E 63 093 UL
UNDERWRITERS LABORATORIES INC.
1)
1)
In general approvals refer to representative versions of the connector series. Test report upon request.


Similar Part No. - C09111F0030002

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0911A GENERAL-C0911A Datasheet
73Kb / 1P
   Computer Cable
More results

Similar Description - C09111F0030002

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C01620C00310012 AMPHENOL-C01620C00310012 Datasheet
1Mb / 20P
   Amphenol-Tuchel Electronics gmbh
C091-31G006-100-2 AMPHENOL-C091-31G006-100-2 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
VN01-016-0004-1 AMPHENOL-VN01-016-0004-1 Datasheet
1Mb / 20P
   amphenol-tuchel electronics gmbh
VN16-210-0014-X AMPHENOL-VN16-210-0014-X Datasheet
666Kb / 7P
   amphenol-tuchel electronics gmbh
C11213D00400007 AMPHENOL-C11213D00400007 Datasheet
1Mb / 36P
   amphemol-tuchel electronics gmbh
logo
eupec GmbH
FS300R12KF4 EUPEC-FS300R12KF4 Datasheet
127Kb / 3P
   European Power- Semiconductor and Electronics Company GmbH Co. KG
logo
List of Unclassifed Man...
DD171N ETC-DD171N Datasheet
175Kb / 4P
   European Power- Semiconductor and Electronics Company GmbH Co. KG
logo
Amphenol Corporation
G17S0910110EU AMPHENOL-G17S0910110EU Datasheet
359Kb / 1P
   Amphenol Corporation Amphenol Taiwan Corporation
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
logo
List of Unclassifed Man...
RS199 ETC2-RS199 Datasheet
187Kb / 1P
   EDSYN GMBH EUROPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com