Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C09111F0050012 Datasheet(PDF) 6 Page - Amphenol Corporation

Part # C09111F0050012
Description  Amphenol-Tuchel Electronics GmbH
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

C09111F0050012 Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button C09111F0050012 Datasheet HTML 2Page - Amphenol Corporation C09111F0050012 Datasheet HTML 3Page - Amphenol Corporation C09111F0050012 Datasheet HTML 4Page - Amphenol Corporation C09111F0050012 Datasheet HTML 5Page - Amphenol Corporation C09111F0050012 Datasheet HTML 6Page - Amphenol Corporation C09111F0050012 Datasheet HTML 7Page - Amphenol Corporation C09111F0050012 Datasheet HTML 8Page - Amphenol Corporation C09111F0050012 Datasheet HTML 9Page - Amphenol Corporation C09111F0050012 Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
Amphenol
- 40 °C ... + 100 °C / - 40 °F ... + 212 °F
Temperature range
Characteristics
C 091 A
Number of contacts
View on termination side
of male contact insert
2*+ 3
4
5
5 Stereo
6
7
7
8
12
14
General Characteristics
Standard
Characteristics
41 524
60130-9
60120-9
41 524
60130-9
45 322
60130-9
45 329
60130-9
45 326
60130-9
Contact arrangement acc. to DIN
Contact arrangement acc. to IEC
Electrical Characteristics
IEC 60664-1
UL 1977
300 V –~
250 V
100 V –~
300 V –~
100 V –~
150 V –~
60 V
1500 V
1
I
II, 400
≤ CTI < 600
5 A / + 40 °C / + 104 °F
please refer also to current derating curves page 45
> 10 10
Ω
< 5 m
Ω
40 / 100 / 56
IP 40
25 N
90.oz
Silver
≥ 500 mating cycles
Gold
≥ 1000 mating cycles
coupling ring brass, strain relief, die cast, nickel plated
thermoplastic
30 N
110.oz
35 N
125.oz
50 N
180.oz
55 N
200.oz
60 N
220.oz
50 N
180.oz
3 A / + 40 °C /
+ 104 °F
1200 V
1500 V
1200 V
IEC 60664-1
IEC 60664-1
IEC 60664-1
IEC 60664-1
IEC 60512-5-2
Test 5 b
UL 1977
IEC 60512-3-1
Test 3 a
IEC 60512-2-1
Test 2 a
IEC 60068-1
IEC 60068-1
IEC 60529
IEC60512-13-2
Test 13 b
IEC 60512
Test 9 a
IEC 60130-9
Contact resistance
Installation category
Insulation group
Current rating
Insulation resistance
Climatic Characteristics
Mechanical Characteristics
Materials
Rated voltage
Rated voltage
Rated impulse withstand voltage
Pollution degree
IP-degree
Insertion and withdrawal forces
Mechanical operation
Housing material
Dielectric material
Caution: Do not connect or disconnect under load. Metal housing parts shall be securely incorporated to protected ground.
* 2 contact version: contact loading 1+3
** Remark for gold plated contacts: In order to avoid brittle inter-metallic connections, gold-plated terminals have to be tin-plated in the solder area.
IEC 60 664 ^
= DIN VDE 0110 ; IEC 60 512-x ^
= DIN EN 60 512-x; IEC 60 130-9 ^
= DIN EN 60 130-9
silver plated / gold plated **
solder, crimp
solder
solder:
≤ 0,5 mm2 / 20 AWG
crimp: 2 - 6 pol (excluding 5S): 0,09 - 1,00 mm2 / 28 - 18 AWG
crimp: 5S, 7, 7S and 8-pol.: 0,09 - 0,75 mm2 / 28 - 20 AWG
UL 94 V0
metal screw coupling; tightening torque 0,7 Nm
≤ 0,25 mm2/24 AWG
Further Characteristics
Contact plating
Termination technique
Wire gauge
Flammability
Locking system
Climatic category
2
3
1
1
2 3
4
4
5
3
2
1
5
3
4
1
2
4
5
3
2
1
6
1
6
7
2
5
3
4
3
7
2
1
6
5
4
8
2
5
3
4
1
7
6


Similar Part No. - C09111F0050012

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0911A GENERAL-C0911A Datasheet
73Kb / 1P
   Computer Cable
More results

Similar Description - C09111F0050012

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C01620C00310012 AMPHENOL-C01620C00310012 Datasheet
1Mb / 20P
   Amphenol-Tuchel Electronics gmbh
C091-31G006-100-2 AMPHENOL-C091-31G006-100-2 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
VN01-016-0004-1 AMPHENOL-VN01-016-0004-1 Datasheet
1Mb / 20P
   amphenol-tuchel electronics gmbh
VN16-210-0014-X AMPHENOL-VN16-210-0014-X Datasheet
666Kb / 7P
   amphenol-tuchel electronics gmbh
C11213D00400007 AMPHENOL-C11213D00400007 Datasheet
1Mb / 36P
   amphemol-tuchel electronics gmbh
logo
eupec GmbH
FS300R12KF4 EUPEC-FS300R12KF4 Datasheet
127Kb / 3P
   European Power- Semiconductor and Electronics Company GmbH Co. KG
logo
List of Unclassifed Man...
DD171N ETC-DD171N Datasheet
175Kb / 4P
   European Power- Semiconductor and Electronics Company GmbH Co. KG
logo
Amphenol Corporation
G17S0910110EU AMPHENOL-G17S0910110EU Datasheet
359Kb / 1P
   Amphenol Corporation Amphenol Taiwan Corporation
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
logo
List of Unclassifed Man...
RS199 ETC2-RS199 Datasheet
187Kb / 1P
   EDSYN GMBH EUROPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com