Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR-M1608C220K Datasheet(PDF) 2 Page - TDK Electronics

Part # AVR-M1608C220K
Description  Chip Varistors Countermeasure for surge voltage and static electricity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M1608C220K Datasheet(HTML) 2 Page - TDK Electronics

  AVR-M1608C220K Datasheet HTML 1Page - TDK Electronics AVR-M1608C220K Datasheet HTML 2Page - TDK Electronics AVR-M1608C220K Datasheet HTML 3Page - TDK Electronics AVR-M1608C220K Datasheet HTML 4Page - TDK Electronics AVR-M1608C220K Datasheet HTML 5Page - TDK Electronics AVR-M1608C220K Datasheet HTML 6Page - TDK Electronics AVR-M1608C220K Datasheet HTML 7Page - TDK Electronics AVR-M1608C220K Datasheet HTML 8Page - TDK Electronics AVR-M1608C220K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
(1/10)
001-07 / 20110926 / e9c11_avr.fm
• All specifications are subject to change without notice.
Varistors(SMD)
Countermeasure for Surge Voltage and Static Electricity
AVR Series AVR-M, AVRL Types
Varistors are voltage dependent nonlinear resistive elements with
a resistance that decreases rapidly when the voltage is over the
constant value.
Varistor is equivalent with Zener diode of two series connection.
Therefore, do not have polarity.
CURRENT vs. VOLTAGE CHARACTERISTICS
EQUIVALENT CIRCUIT
THE EFFECT OF THE VARISTOR
WITHOUT VARISTOR
A malfunction and failure of electronic equipment
WITH VARISTOR
Suppress abnormal voltage by inserting varistor in a circuit
Conformity to RoHS Directive
Chip varistor
/V1mA:12V
Zener diode
/Vz:6.8V
Positive direction
Negative direction
Voltage(V)
10–1
10–2
10–3
10–4
10–5
–10–1
–10–2
–10–3
–10–4
–10–5
2
26
610
10
14
14
18
18
2 Zener Diodes
A capacitance content
ESD, Surge voltage
Power line
Signal line
IC
ESD, Surge voltage
Power line
Signal line
Insert a varistor between
a line and ground
: Chip varistor
IC


Similar Part No. - AVR-M1608C220K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVR-M1608C220KB2AB TDK-AVR-M1608C220KB2AB Datasheet
235Kb / 11P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M1608C220KB6AB TDK-AVR-M1608C220KB6AB Datasheet
235Kb / 11P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M1608C220KT2AB TDK-AVR-M1608C220KT2AB Datasheet
235Kb / 11P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M1608C220KT2AB TDK-AVR-M1608C220KT2AB Datasheet
432Kb / 11P
   Countermeasure for surge voltage and static electricity
AVR-M1608C220KT2AB TDK-AVR-M1608C220KT2AB Datasheet
411Kb / 12P
   Chip varistors ESD/Voltage protection devices
February 2022
More results

Similar Description - AVR-M1608C220K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVRL101A3R3FTA TDK-AVRL101A3R3FTA Datasheet
235Kb / 11P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M1608C080MTAAB TDK-AVR-M1608C080MTAAB Datasheet
235Kb / 11P
   Countermeasure for surge voltage and static electricity
AVRL101A1R1NTB TDK-AVRL101A1R1NTB Datasheet
432Kb / 11P
   Countermeasure for surge voltage and static electricity
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
logo
Vishay Siliconix
2381582X110Y VISHAY-2381582X110Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
logo
TDK Electronics
MPZ1005-E TDK-MPZ1005-E Datasheet
212Kb / 6P
   Chip beads For power line GHz noise countermeasure
logo
Rohm
RDS070N03 ROHM-RDS070N03 Datasheet
41Kb / 4P
   Excellent Resistance to damage from static electricity
logo
TDK Electronics
AVR TDK-AVR Datasheet
411Kb / 12P
   Chip varistors ESD/Voltage protection devices
February 2022
MPZ1005-V TDK-MPZ1005-V Datasheet
174Kb / 4P
   Chip beads For power line High GHz noise countermeasure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com