Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR-M1608C270M Datasheet(PDF) 10 Page - TDK Electronics

Part # AVR-M1608C270M
Description  Chip Varistors Countermeasure for surge voltage and static electricity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M1608C270M Datasheet(HTML) 10 Page - TDK Electronics

Back Button AVR-M1608C270M Datasheet HTML 4Page - TDK Electronics AVR-M1608C270M Datasheet HTML 5Page - TDK Electronics AVR-M1608C270M Datasheet HTML 6Page - TDK Electronics AVR-M1608C270M Datasheet HTML 7Page - TDK Electronics AVR-M1608C270M Datasheet HTML 8Page - TDK Electronics AVR-M1608C270M Datasheet HTML 9Page - TDK Electronics AVR-M1608C270M Datasheet HTML 10Page - TDK Electronics AVR-M1608C270M Datasheet HTML 11Page - TDK Electronics AVR-M1608C270M Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
(9/10)
001-07 / 20110926 / e9c11_avr.fm
• All specifications are subject to change without notice.
MERITS OF REPLACEMENT FROM ZENER DIODE
(1) Reduction in the number of parts
(2) Reduction in mounting cost
COMPARISON OF FOOTPRINT
Zener diode
Chip varistor
Save a mount area 65% down
EXAMPLE OF REPLACEMENT AT AUDIO TERMINAL
(3) Improved electrostatic absorption capability
COMPARE DATA OF CHIP VARISTOR AND ZENER DIODE
ABOUT IC PROTECTION
APPLICATION EXAMPLES
CELLULAR PHONE
AUDIO/VIDEO
2.3mm
1.2mm
Audio/out
Audio/out
Audio
AMP
Audio
AMP
Audio
connector
Audio
connector
: Chip varistor
10–3
10–4
10–5
10–6
10–7
02468
10
12
14
ESD voltage(kV)
AVR-M1608C120MT6AB
With Zener Diode
CMOS: D74HC04C
ESD generator : Noise Laboratory Co.,Ltd., ESS -630A
200pF-0
Ω method model equipment
Contact type discharge
ESD applied point: Vcc-ground
To LCD driver
: Chip varistor
LCD panel
Backlight LED
Data terminal
Key pad/Switch
Microphone/Receiver
Audio
Digi
Monitor
OUT
Video1
in
Video2
in
Video3
in
Video5
in
Video
Video
Video
Video
L/MONO
L/MONO L/MONO
L/MONO
Audio
Audio
Audio
Audio
L
R
: Chip varistor


Similar Part No. - AVR-M1608C270M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVR-M1608C270MBAAB TDK-AVR-M1608C270MBAAB Datasheet
235Kb / 11P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M1608C270MBABB TDK-AVR-M1608C270MBABB Datasheet
235Kb / 11P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M1608C270MTAAB TDK-AVR-M1608C270MTAAB Datasheet
235Kb / 11P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M1608C270MTAAB TDK-AVR-M1608C270MTAAB Datasheet
432Kb / 11P
   Countermeasure for surge voltage and static electricity
AVR-M1608C270MTAAB TDK-AVR-M1608C270MTAAB Datasheet
411Kb / 12P
   Chip varistors ESD/Voltage protection devices
February 2022
More results

Similar Description - AVR-M1608C270M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVRL101A3R3FTA TDK-AVRL101A3R3FTA Datasheet
235Kb / 11P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M1608C080MTAAB TDK-AVR-M1608C080MTAAB Datasheet
235Kb / 11P
   Countermeasure for surge voltage and static electricity
AVRL101A1R1NTB TDK-AVRL101A1R1NTB Datasheet
432Kb / 11P
   Countermeasure for surge voltage and static electricity
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
logo
Vishay Siliconix
2381582X110Y VISHAY-2381582X110Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
logo
TDK Electronics
MPZ1005-E TDK-MPZ1005-E Datasheet
212Kb / 6P
   Chip beads For power line GHz noise countermeasure
logo
Rohm
RDS070N03 ROHM-RDS070N03 Datasheet
41Kb / 4P
   Excellent Resistance to damage from static electricity
logo
TDK Electronics
AVR TDK-AVR Datasheet
411Kb / 12P
   Chip varistors ESD/Voltage protection devices
February 2022
MPZ1005-V TDK-MPZ1005-V Datasheet
174Kb / 4P
   Chip beads For power line High GHz noise countermeasure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com