Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVT-55689-TR1G Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # AVT-55689-TR1G
Description  50 ??6000 MHz InGaP HBT Gain Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AVT-55689-TR1G Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AVT-55689-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AVT-55689-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AVT-55689-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AVT-55689-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AVT-55689-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AVT-55689-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AVT-55689-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AVT-55689-TR1G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AVT-55689-TR1G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2013 Avago Technologies. All rights reserved.
AV02-2705EN - May 23, 2013
Reel Dimensions – 13” Reel
Ø
20.2
M IN
2.0 ± 0.5
Ø
13.0 +0.5
-0.2
102.0
REF
330.0
REF
8.4
(MEASURED AT HUB)
(MEASURED AT HUB)
"A"
ATTENTION
Electrostatic Sensitive Devices
Safe Handling Required
MINNEAPOLIS USA
U.S PAT 4726534
R
LOKREEL R
11.1 MAX.
Detail "A"
Detail "B"
PS
6
6
PS
1.5
88 REF
96.5
+0.3
- 0.2
Dimensions in mm


Similar Part No. - AVT-55689-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AVT-55689 BOARDCOM-AVT-55689 Datasheet
511Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-55689 AVAGO-AVT-55689_15 Datasheet
511Kb / 11P
   InGaP HBT Gain Block
More results

Similar Description - AVT-55689-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AVT-54689 AVAGO-AVT-54689 Datasheet
579Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-54689 BOARDCOM-AVT-54689 Datasheet
592Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
AVT-55689 BOARDCOM-AVT-55689 Datasheet
511Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-53663 AVAGO-AVT-53663 Datasheet
310Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
DEMO-AVT-5X663 BOARDCOM-DEMO-AVT-5X663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-51663 AVAGO-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-53663 BOARDCOM-AVT-53663 Datasheet
310Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-50663 AVAGO-AVT-50663 Datasheet
367Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com