Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C922WM Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # MM74C922WM
Description  16-Key Encoder 20-Key Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C922WM Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button MM74C922WM Datasheet HTML 2Page - Fairchild Semiconductor MM74C922WM Datasheet HTML 3Page - Fairchild Semiconductor MM74C922WM Datasheet HTML 4Page - Fairchild Semiconductor MM74C922WM Datasheet HTML 5Page - Fairchild Semiconductor MM74C922WM Datasheet HTML 6Page - Fairchild Semiconductor MM74C922WM Datasheet HTML 7Page - Fairchild Semiconductor MM74C922WM Datasheet HTML 8Page - Fairchild Semiconductor MM74C922WM Datasheet HTML 9Page - Fairchild Semiconductor MM74C922WM Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Package Number N20A


Similar Part No. - MM74C922WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922WM FAIRCHILD-MM74C922WM Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
MM74C922WM FAIRCHILD-MM74C922WM Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
More results

Similar Description - MM74C922WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
logo
National Semiconductor ...
MM54C922 NSC-MM54C922 Datasheet
218Kb / 10P
   16, 20-Key Encoder
logo
Rohm
BU1851GUW ROHM-BU1851GUW Datasheet
290Kb / 13P
   GPIO ICs Series Key Encoder IC
logo
Texas Instruments
TMS5001NL TI-TMS5001NL Datasheet
401Kb / 6P
[Old version datasheet]   4-MODE DYNAMIC 90-KEY KEYBOARD ENCODER
logo
Shenzhen Huazhimei Semi...
HM2241 HMSEMI-HM2241 Datasheet
432Kb / 14P
   2-key 1 encoder capacitive touch chip
logo
Bourns Electronic Solut...
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
logo
IC-Haus GmbH
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16 Datasheet
281Kb / 3P
   16 mm Incremental Encoder
PEC16 BOURNS-PEC16_13 Datasheet
359Kb / 3P
   16 mm Incremental Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com