Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608NP02A330J080AA Datasheet(PDF) 8 Page - TDK Electronics

Part # C1608NP02A330J080AA
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1608NP02A330J080AA Datasheet(HTML) 8 Page - TDK Electronics

Back Button C1608NP02A330J080AA Datasheet HTML 4Page - TDK Electronics C1608NP02A330J080AA Datasheet HTML 5Page - TDK Electronics C1608NP02A330J080AA Datasheet HTML 6Page - TDK Electronics C1608NP02A330J080AA Datasheet HTML 7Page - TDK Electronics C1608NP02A330J080AA Datasheet HTML 8Page - TDK Electronics C1608NP02A330J080AA Datasheet HTML 9Page - TDK Electronics C1608NP02A330J080AA Datasheet HTML 10Page - TDK Electronics C1608NP02A330J080AA Datasheet HTML 11Page - TDK Electronics C1608NP02A330J080AA Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
• All specifications are subject to change without notice.
Page 7
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130614 / mlcc_commercial_hightemp_en
EIA CC1812 [C4532]
NP0
2A
(100V)
1H
(50V)
47,000
473
J: ± 5%
68,000
683
100,000
104
150,000
154
220,000
224
1.60 mm
2.00 mm
2.50 mm
3.20 mm
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: NP0 (0 ± 30ppm/ºC)
Rated Voltage: 100V (2A), 50V (1H)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
EIA CC2220 [C5750]
NP0
2A
(100V)
154
J: ± 5%
150,000
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: NP0 (0 ± 30ppm/ºC)
Rated Voltage: 100V (2A)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
2.30 mm


Similar Part No. - C1608NP02A330J080AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608NP02A010C080AA TDK-C1608NP02A010C080AA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1608NP02A020C080AA TDK-C1608NP02A020C080AA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1608NP02A030C080AA TDK-C1608NP02A030C080AA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1608NP02A040C080AA TDK-C1608NP02A040C080AA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1608NP02A050C080AA TDK-C1608NP02A050C080AA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1608NP02A330J080AA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com