Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC123A Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MM74HC123A
Description  Dual Retriggerable Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC123A Datasheet(HTML) 6 Page - Fairchild Semiconductor

  MM74HC123A Datasheet HTML 1Page - Fairchild Semiconductor MM74HC123A Datasheet HTML 2Page - Fairchild Semiconductor MM74HC123A Datasheet HTML 3Page - Fairchild Semiconductor MM74HC123A Datasheet HTML 4Page - Fairchild Semiconductor MM74HC123A Datasheet HTML 5Page - Fairchild Semiconductor MM74HC123A Datasheet HTML 6Page - Fairchild Semiconductor MM74HC123A Datasheet HTML 7Page - Fairchild Semiconductor MM74HC123A Datasheet HTML 8Page - Fairchild Semiconductor MM74HC123A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
RESET OPERATION
These one shots may be reset during the generation of the
output pulse. In the reset mode of operation, an input pulse
on clear sets the reset latch and causes the capacitor to be
fast charged to VCC by turning on transistor Q1 5. When
the voltage on the capacitor reaches VREF2, the reset latch
will clear and then be ready to accept another pulse. If the
clear input is held low, any trigger inputs that occur will be
inhibited and the Q and Q outputs of the output latch will
not change. Since the Q output is reset when an input low-
level is detected on the Clear input, the output pulse T can
be made significantly shorter than the minimum pulse width
specification.
Typical Output Pulse
Width vs. Timing Components
Typical Distribution of Output
Pulse Width, Part to Part
Typical 1ms Pulse Width
Variation vs. Supply
Minimum REXT vs.
Supply Voltage
Typical 1ms Pulse Width
Variation vs. Temperature
Note: R and C are not subjected to temperature. The C is polypropylene.


Similar Part No. - MM74HC123A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC123AJ NSC-MM74HC123AJ Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Fairchild Semiconductor
MM74HC123AM FAIRCHILD-MM74HC123AM Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Rochester Electronics
MM74HC123AM ROCHESTER-MM74HC123AM Datasheet
443Kb / 4P
   Dual Retriggerable Monostable Multivibrator Typical propagation delay: 25 ns
MM74HC123AM ROCHESTER-MM74HC123AM Datasheet
620Kb / 1P
   MONOSTABLE MULTIVIBRATOR now available in a lead-free package
logo
Fairchild Semiconductor
MM74HC123AMTC FAIRCHILD-MM74HC123AMTC Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
More results

Similar Description - MM74HC123A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com