Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85-190112-3H Datasheet(PDF) 4 Page - Amphenol Corporation

Part # 85-190112-3H
Description  Type Standard Cylindrical Connectors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

85-190112-3H Datasheet(HTML) 4 Page - Amphenol Corporation

  85-190112-3H Datasheet HTML 1Page - Amphenol Corporation 85-190112-3H Datasheet HTML 2Page - Amphenol Corporation 85-190112-3H Datasheet HTML 3Page - Amphenol Corporation 85-190112-3H Datasheet HTML 4Page - Amphenol Corporation 85-190112-3H Datasheet HTML 5Page - Amphenol Corporation 85-190112-3H Datasheet HTML 6Page - Amphenol Corporation 85-190112-3H Datasheet HTML 7Page - Amphenol Corporation 85-190112-3H Datasheet HTML 8Page - Amphenol Corporation 85-190112-3H Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
3
Amphenol MIL-DTL-5015 and MIL-5015
Type Standard Cylindrical Connectors
DESIGN CHARACTERISTICS
Medium to heavy weight cylindrical
Durable, field-proven design
Environmental resistant
Resilient inserts
Operating voltage to 3000 VAC (RMS) at sea level
Threaded couplings
Single key/keyway shell polarization
Cost effective
CUSTOMER OPTIONS
Five shell styles
Nineteen shell sizes
305 contact arrangements from 1 to 104 circuits
Solder or crimp contacts, sizes 16-0 accepting
22-0 AWG.
Coaxial and thermocouple contact options
Five class designations
Alternate insert positioning
Hermetic configurations available
• Zinc alloy plating (cadmium-free) available
MS connectors meet the latest performance require-
ments of MIL-DTL-5015. These connectors represent
well-proven electrical capability at an acceptable cost for
most equipment where durability is important.
MIL-DTL-5015 features threaded couplings and single
key/keyway polarization, representing maximum simplic-
ity in design. Applications include military ground support
equipment, ordnance and shipboard installations.
Amphenol
Industrial
Operations
manufactures
five
classes of connectors to meet different requirements.
Class designations and brief descriptions are listed
below.
A –
Solid Shell – for general, non-environmental appli-
cations.
C – Pressurized – for use on pressurized bulkheads or
pressure barriers; limits air leakage regardless of
type and class of plug mated with them.
E/F –Environmental
Resisting
with
Strain
Relief
designed for applications where the connector will
be exposed to moisture, vibration, and rapid
changes in pressure and temperature.
R – Lightweight Environmental Resisting – shorter in
length and lighter in weight than the E and F
classes, the MS-R offers a high degree of reliability
under adverse conditions: recommended for new
design applications.
®
MS-A, MS-C
MS-E/F
MS-R


Similar Part No. - 85-190112-3H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
85-190112-3H AMPHENOL-85-190112-3H Datasheet
2Mb / 73P
   MS/Standard MS3106E/F straight plug
More results

Similar Description - 85-190112-3H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102E18-1S AMPHENOL-MS3102E18-1S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21P AMPHENOL-MS3102R28-21P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3101A24-10S AMPHENOL-MS3101A24-10S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 ahd MIL-5015 Type Standard Cylindrical Connectors
MS3102A14S-6S AMPHENOL-MS3102A14S-6S Datasheet
2Mb / 73P
   AMPHENOL MIL-DTL-5015 AND MIL-5015 TYPE STANDARD CYLINDRICAL CONNECTORS
MS3106E14S-2S AMPHENOL-MS3106E14S-2S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106A22-6S AMPHENOL-MS3106A22-6S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com