Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-U303 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-U303
Description  8 mm (0.31 inch) Ultra Mini Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-U303 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-U303 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-U303 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved. Obsoletes 5988-2220EN
AV02-3584EN - June 11, 2012
Electrical/Optical
For more information on electrical/optical characteristics,
please see Application Note 1005.
Contrast Enhancement
For information on contrast enhancement, please see
Application Note 1015.
Soldering/Cleaning
Cleaning agents from the ketone family (acetone, methyl
ethyl ketone, etc.) and from the chorinated hydrocarbon
family (methylene chloride, trichloroethylene, carbon
tetrachloride, etc.) are not recommended for cleaning
LED parts. All of these various solvents attack or dissolve
the encapsulating materials used to form the package of
plastic LED parts.
For more information on soldering LEDs, please refer to
Application Note 1027.


Similar Part No. - HDSP-U303

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U303 HP-HDSP-U303 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U303 AVAGO-HDSP-U303 Datasheet
133Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U303 AVAGO-HDSP-U303 Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-U303-00000 HP-HDSP-U303-00000 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U303-00000 HP-HDSP-U303-00000 Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
More results

Similar Description - HDSP-U303

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U1XX HP-HDSP-U1XX Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U1XX AVAGO-HDSP-U1XX Datasheet
133Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-U HP-HDSP-U Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-UXXX AVAGO-HDSP-UXXX Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com