Electronic Components Datasheet Search
Selected language     English  ▼


0-1393280-6 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 0-1393280-6
Description  Micro Relay K (THT THR)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
06-2011, Rev. 0611
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
n
Small power relay
n
Limiting continuous current 30A
n
Minimal weight
n
Low noise operation
n
Wave (THT) and reflow (THR/pin-in-paste) solderable versions
n
For twin version refer to Double Micro Relay K
Typical applications
Car alarm, door control, door lock, hazard warning signal, heated front/rear
screen, immobilizer, lamps front/rear/fog light, interior lights, seat control,
sun roof, turn signal, window lifter, wiper control.
Micro Relay K (THT – THR)
Automotive Relays
PCB Single Relays
Contact Data
Typical applications
Resistive/inductive load
Wiper load
Lamp load5)
V23086-*100*-A403
V23086-*1*02-A803
V23086-***21-A502
Contact arrangement
1 form C, 1 CO
1 form C, 1 CO
1 form A, 1 NO
Rated voltage
10/12VDC
10/12VDC
10/12VDC
NO/NC
NO/NC
Rated current
30/25A
30/25A
30A
Limiting continuous current
23°C
30/25A
30/25A
30A
85°C
20/15A
20/15A
20A
Limiting making current
40A1)
40A1)
100A2)
Limiting breaking current
30A
30A
30A
Contact material
AgSnO2
Min. recommended contact load
1A at 5VDC3)
Initial voltage drop at 10A, typ./max.
30/300mV
Operate/release time
typ. 3/1.5ms4)
Electrical enduranc
cyclic temperature -40°C, +25°C, +85°C
form C contact (CO) at 14VDC
motor reverse blocked,
wiper,
25A, 0.77mH
25A make/5A break,
>1x105 ops.
generator peak,
20A on NC,1mH
>1x106 ops.
form A contact (NO) at 14VDC
resistive 20A
lamp 100A inrush,
>3x105 ops.
10A steady state
>1x105 ops.5)
Mechanical endurance
>5x106 ops.
Max. DC load breaking capacity
Load limit curve 1: arc extinguishes, during transit time (changeover contact).
Load limit curve 2: safe shutdown, no stationary arc (make contact).
Load limit curves measured with low inductive resistors verified for 1000 switching events.
1) The values apply to a resistive or inductive load with suitable spark suppression and at
maximum 13.5VDC for 12VDC load voltages. For a load current duration of maximum
3s for a make/break ratio of 1:10.
2) Corresponds to the peak inrush current on initial actuation (cold filament).
3) See chapter Diagnostics of Relays in our Application Notes or consult the internet at
http://relays.te.com/appnotes/
4) Measured at nominal voltage without coil suppression unit. A low resistive suppression
device in parallel to the relay coil increases the release time and reducesthe lifetime
caused by increased erosion and/or higher risk of contact tack welding.
5) Be aware of using right polarity, see Terminal Assignment. Wrong polarity will reduce
endurance.
086C/R1_fcw1b




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl