Selected language     English  ▼


0-1393280-6 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. 0-1393280-6
Description  Micro Relay K (THT THR)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 5 page
background image
06-2011, Rev. 0611
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
Micro Relay K (THT – THR) (Continued)
Automotive Relays
PCB Single Relays
Product code structure
Typical product code
V23086
-C
1
001
-A
4
03
Type
V23086 Micro Relay K (THT – THR)
Terminal and enclosure
C
PCB version THT, sealed
R
PCB version THR, vented
Design
1
Single relay
Coil
001
Standard (THT)
002
Sensitive (THT)
801
Standard (THR)
802
Sensitive (THR)
021
Special (THT)
821
Special (THR)
Contact type
A
Single contact
Contact material index
4
AgSnO2 standard
8
AgSnO2 wiper load
5
AgSnO2 lamp load
Contact arrangement index
02
NO
03
CO
Product code
Version
Design
Coil
Contact
Cont. material
Arrangement
Part number
V23086-C1021-A502
PCB THT,
Single
Standard
Single
AgSnO2
1 form A, 1 NO (lamp)
8-1416000-7
V23086-C1001-A403
cleanable
1 form C, 1 CO (standard)
0-1393280-6
V23086-C1002-A803
Sensitive
1 form C, 1 CO (standard)
2-1414987-3
V23086-R1801-A403
PCB THR,
Standard
1 form C, 1 CO (standard)
6-1414920-0
V23086-R1802-A803
vented
Sensitive
1 form C, 1 CO (wiper)
7-1414967-8
V23086-R1821-A502
Standard
1 form A, 1 NO (lamp)
6-1414918-8
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request.




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl