Selected language     English  ▼


7-1414967-8 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 7-1414967-8
Description  Micro Relay K (THT THR)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
06-2011, Rev. 0611
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Micro Relay K (THT – THR) (Continued)
Automotive Relays
PCB Single Relays
12.0
2.5
0.6
± 0.2
A
12.9
± 0.3
0.95
± 0.2
*) Additional tin tops max. 1 mm
± 0.2
± 0.1
5.8
± 0.2
TE86etw_se
Dimensions
Micro Relay K, THT version
86ets_ab
1
4
5
2
1
4
5
3
2
86etw_ab
1 form A, 1 NO
1 form C, 1 CO
Terminal Assignment
Bottom view on solder pins
*) Additional tin tops max. 1mm
86ets_ab
1
4
5
2
1 form A, 1 NO (lamp load)
8.5
7.5
0.5
0.4
0.3
5 x
5 x
C
B
B
A
A
A
A
C
3
5
1
4
2
1.72
0.4
0.3
TE86etw_an1
Mounting Hole Layout
Bottom view on solder pins
Remark: Positional tolerances according to DIN EN ISO 5458




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl