Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X7R2E104K200AM Datasheet(PDF) 1 Page - TDK Electronics

Part # C3225X7R2E104K200AM
Description  All specifications are subject to change without notice
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3225X7R2E104K200AM Datasheet(HTML) 1 Page - TDK Electronics

  C3225X7R2E104K200AM Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Grade ( Open Mode )
C3225 [EIA CC1210]
L
3.20mm +/-0.4mm
W
2.50mm +/-0.3mm
T
2.00mm +/-0.2mm
B
0.20mm Min.
G
X7R (-55 to 125 degC +/-15%)
2E (250Vdc)
100nF
K (+/-10%)
3% Max.
5Gohm Min.
Not Applicable
All specifications are subject to change without notice.
December 22, 2012
C3225X7R2E104K200AM
--- Multilayer Ceramic Chip Capacitor (MLCC) ---
Cap. vs. Freq. Characteristic
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.01
0.1
1
10
100
1000
10000
100000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
50
100
150
200
250
300
DC Bias/V
Temperature Characteristic
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Ripple Temperature Rise Characteristic
0
5
10
15
20
25
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Current/Arms
100kHz
500kHz
1MHz
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Dissipation Factor
Insulation Resitance
AEC-Q200


Similar Part No. - C3225X7R2E104K200AM

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X7R2E104K200AM TDK-C3225X7R2E104K200AM Datasheet
138Kb / 1P
   Commercial Grade ( Open Mode )
More results

Similar Description - C3225X7R2E104K200AM

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X7R1C104K TDK-C1005X7R1C104K Datasheet
131Kb / 1P
   All specifications are subject to change without notice.
CKG57NX5R1H226M TDK-CKG57NX5R1H226M Datasheet
133Kb / 1P
   All specifications are subject to change without notice
C2012X7R1E225K TDK-C2012X7R1E225K Datasheet
132Kb / 1P
   All specifications are subject to change without notice.
logo
A-BRIGHT Inc
AL-01CEW03WC-A2 A-BRIGHT-AL-01CEW03WC-A2 Datasheet
239Kb / 5P
   Specifications are subject to change without notice
AL-01K5UV3WC-2A2 A-BRIGHT-AL-01K5UV3WC-2A2 Datasheet
300Kb / 7P
   Specifications are subject to change without notice
AL-01CESW1WCP-A2 A-BRIGHT-AL-01CESW1WCP-A2 Datasheet
657Kb / 11P
   Specifications are subject to change without notice
AL-01CEW01WCP-A2 A-BRIGHT-AL-01CEW01WCP-A2 Datasheet
788Kb / 13P
   Specifications are subject to change without notice
AL-01K5UV3WC-1A2 A-BRIGHT-AL-01K5UV3WC-1A2 Datasheet
300Kb / 7P
   Specifications are subject to change without notice
AL-01CEUV3WC-4A2 A-BRIGHT-AL-01CEUV3WC-4A2 Datasheet
311Kb / 7P
   Specifications are subject to change without notice
AL-01K5UV3WC-3A2 A-BRIGHT-AL-01K5UV3WC-3A2 Datasheet
299Kb / 7P
   Specifications are subject to change without notice
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com