Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC132MTC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MM74HC132MTC
Description  Quad 2-Input NAND Schmitt Trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC132MTC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MM74HC132MTC Datasheet HTML 1Page - Fairchild Semiconductor MM74HC132MTC Datasheet HTML 2Page - Fairchild Semiconductor MM74HC132MTC Datasheet HTML 3Page - Fairchild Semiconductor MM74HC132MTC Datasheet HTML 4Page - Fairchild Semiconductor MM74HC132MTC Datasheet HTML 5Page - Fairchild Semiconductor MM74HC132MTC Datasheet HTML 6Page - Fairchild Semiconductor MM74HC132MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
±10% the worst case output voltages (V
OH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
−0.5 to +7.0V
DC Input Voltage (VIN)
−1.5 to V
CC +1.5V
DC Output Voltage (VOUT)
−0.5 to V
CC +0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
DC Output Current, per pin (IOUT)
±25 mA
DC VCC or GND Current, per pin (ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA) −40
+125
°C
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = -40 to 85°CTA = -40 to 125°C
Units
Typ
Guaranteed Limits
VT+
Positive Going
Min
2.0V
1.0
1.0
1.0
V
Threshold Voltage
4.5V
2.0
2.0
2.0
V
6.0V
3.0
3.0
3.0
V
Max
2.0V
1.5
1.5
1.5
V
4.5V
3.15
3.15
3.15
V
6.0V
4.2
4.2
4.2
V
VT−
Negative Going
Min
2.0V
0.3
0.3
0.3
V
Threshold Voltage
4.5V
0.9
0.9
0.9
V
6.0V
1.2
1.2
1.2
V
Max
2.0V
1.0
1.0
1.0
V
4.5V
2.2
2.2
2.2
V
6.0V
3.0
3.0
3.0
V
VH
Hysteresis Voltage
Min
2.0V
0.2
0.2
0.2
V
4.5V
0.4
0.4
0.4
V
6.0V
0.5
0.5
0.5
V
Max
2.0V
1.0
1.0
1.0
V
4.5V
1.4
1.4
1.4
V
6.0V
1.5
1.5
1.5
V
VOH
Minimum HIGH Level
VIN = VIH or VIL
2.0V
2.0
1.9
1.9
1.9
V
Output Voltage
|IOUT| ≤ 20 µA
4.5V
4.5
4.4
4.4
4.4
V
VIN = VIH or VIL
6.0V
6.0
5.9
5.9
5.9
V
|IOUT| ≤ 4.0 mA
4.5V
4.2
3.98
3.84
3.7
V
|IOUT| ≤ 5.2 mA
6.0V
5.7
5.48
5.34
5.2
V
VOL
Maximum LOW Level
VIN = VIH or VIL
2.0V
0
0.1
0.1
0.1
V
Output Voltage
|IOUT| ≤ 20 µA
4.5V
0
0.1
0.1
0.1
V
VIN = VIH or VIL
6.0V
0
0.1
0.1
0.1
V
|IOUT| ≤ 4.0 mA
4.5V
0.2
0.26
0.33
0.4
V
|IOUT| ≤ 5.2 mA
6.0V
0.2
0.26
0.33
0.4
V
IIN
Maximum Input Current
VIN = VCC or GND
6.0V
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
VIN = VCC or GND
6.0V
2.0
20
40
µA
Supply Current
IOUT = 0 µA


Similar Part No. - MM74HC132MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC132MTC ONSEMI-MM74HC132MTC Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
More results

Similar Description - MM74HC132MTC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com