Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4520C0G3F120K Datasheet(PDF) 11 Page - TDK Electronics

Part # C4520C0G3F120K
Description  C Series High Voltage Application
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4520C0G3F120K Datasheet(HTML) 11 Page - TDK Electronics

Back Button C4520C0G3F120K Datasheet HTML 4Page - TDK Electronics C4520C0G3F120K Datasheet HTML 5Page - TDK Electronics C4520C0G3F120K Datasheet HTML 6Page - TDK Electronics C4520C0G3F120K Datasheet HTML 7Page - TDK Electronics C4520C0G3F120K Datasheet HTML 8Page - TDK Electronics C4520C0G3F120K Datasheet HTML 9Page - TDK Electronics C4520C0G3F120K Datasheet HTML 10Page - TDK Electronics C4520C0G3F120K Datasheet HTML 11Page - TDK Electronics C4520C0G3F120K Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
• All specifications are subject to change without notice. Please read the precautions before using the product.
US Catalog // C Series — High Voltage Application // Version A11
Packaging
Information
• Carrier Tape Configuration
Drawing direction
Leader
400mm min
Bulk
160mm min.
Chips
Bulk
160mm min
Plastic carrier tape
Top cover tape
Pitch hole
• Chip Quantity Per Reel and Structure of Reel
3,000
3,000
500
2.00 mm
1.60 mm
3.20 mm
2.30 mm
1.10 mm
1.30 mm
1.60 mm
2.00 mm
5,000
1,000
Plastic
1.30 mm
CC1812
C4532
5,000
1,000
Plastic
0.85 mm
CC1808
C4520
Φ330mm
(13”) reel
φ178mm
(7”) reel
EIA
JIS
Chip quantity (pcs.)
Taping
Material
Chip
Thickness
Case Code
• Peel Back Force (Top Tape)
0~15°
Carrier tape
Top cover tape
Direction & angle of pull
0.05 — 0.7 N
• Carrier tape shall be flexible enough to be
wound around a minimum radius of 30mm with
components in tape.
• The missing of components shall be less than
0.1%
• Components shall not stick to the cover tape.
• The cover tape shall not protrude beyond the
edges of the carrier tape not shall cover the
sprocket holes.
Plastic Carrier Tape & Reel
C Series — High Voltage Application


Similar Part No. - C4520C0G3F120K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4520C0G3F120K085KA TDK-C4520C0G3F120K085KA Datasheet
1Mb / 7P
   C Series Commercial Grade High Voltage (1000V and over)
C4520C0G3F120K085KA TDK-C4520C0G3F120K085KA Datasheet
1Mb / 7P
   MULTILAYER CERAMIC CHIP CAPACITORS
C4520C0G3F120K085KA TDK-C4520C0G3F120K085KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
More results

Similar Description - C4520C0G3F120K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X7R1C473K TDK-C1005X7R1C473K Datasheet
1Mb / 72P
   C Series General Application
C3225X7R1C226KT TDK-C3225X7R1C226KT Datasheet
1Mb / 72P
   C Series General Application
C4532X7R2A225K TDK-C4532X7R2A225K Datasheet
1Mb / 72P
   C Series General Application
C3216X7R2A105M TDK-C3216X7R2A105M Datasheet
1Mb / 72P
   C Series General Application
C2012X7R1E474KT TDK-C2012X7R1E474KT Datasheet
1Mb / 72P
   C Series General Application
C5750X7R1H106M TDK-C5750X7R1H106M Datasheet
1Mb / 72P
   C Series General Application
C0603C0G1E220J TDK-C0603C0G1E220J Datasheet
1Mb / 72P
   C Series General Application
logo
KODENSHI_AUK CORP.
BF422 KODENSHI-BF422 Datasheet
212Kb / 4P
   High voltage application
logo
Unisonic Technologies
2SC4548 UTC-2SC4548 Datasheet
187Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700_2 Datasheet
193Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com