Selected language     English  ▼


00-6200-512-430-000 Datasheet(PDF) 3 Page - AVX Corporation

Part No. 00-6200-512-430-000
Description  1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

   
 3 page
background image
注文コード ORDERING CODE
00 6200 5XX X30 000+
極数
NUMBER
OF
POSITIONS
バリエーション VARIATION CODE
1:エンボス Tape & Reel 24.0mm
2:エンボス Tape & Reel 32.0mm
3:エンボス Tape & Reel 44.0mm
4:エンボス Tape & Reel 56.0mm
SERIES
6200 エンボス梱包品
Tape and Reel Package
RoHS Compliant Product
梱包数量
1000個 /リール
PACKING QUANTITY:1000 /Reel
トレー梱包品:00 6200 XX7 032 800+
TRAY PACKAGE:00 6200 XX7 032 800+
RoHS 対応品
RoHS Compliant Product
+
+
+
+
+
+
+
+
+
1.0mm Pitch
生産対応可能極数については、営業部に
ご確認願います。
Feel free to contact our sales department
for available numbers of positions.




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl