Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSR1B Datasheet(PDF) 2 Page - Formosa MS

Part # DSR1B
Description  SUFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DSR1B Datasheet(HTML) 2 Page - Formosa MS

  DSR1B Datasheet HTML 1Page - Formosa MS DSR1B Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES DSR1A THRU DSR1M
FIG.1 --TYPICAL FORWARD CHARACTERISTIC
FIG.2 -- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
100
1000
600
700
800
900
1000
1100
TJ = 150
°C
TJ =25
°C
TJ = 100
°C
0
5
10
15
20
25
30
35
40
10
9
8
7
6
5
4
3
2
1
0
FIG.3 -- TYPICAL INSTANTANEOUS
FIG.4 -- FORWARD DERATING CURVE
AMBIENT TEMPERATURE,
INSTANTANEOUS REVERSE VOLTAGE,V
0
100 200 300 400 500 600 700 800
900
0.01
0.1
10
1
100
TJ = 150°C
TJ = 125°C
TJ = 100°C
TJ =75°C
TJ =50°C
TJ =25°C
REVERSE CHARACTERISTICS
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
INSTANTANEOUS FORWARD VOLTAGE,mV
SUFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
Formosa MS
Page 2
Document ID
Issued Date
Revised Date
Revision
Page.
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DS-222645
2008/02/10
2010/03/10
B
2


Similar Part No. - DSR1B

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
DSR1B JUXING-DSR1B Datasheet
920Kb / 2P
   Surface Mount Standard Rectifiers
logo
SHENZHEN YONGERJIA INDU...
DSR1B WINNERJOIN-DSR1B Datasheet
66Kb / 2P
   Surface Mount Standard Rectifiers
logo
Microdiode Electronics ...
DSR1B CHENDA-DSR1B Datasheet
584Kb / 2P
   SUFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Zibo Seno Electronic En...
DSR1B ZSELEC-DSR1B Datasheet
144Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
logo
Guangdong Juxing Electr...
DSR1B JUXING-DSR1B Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
More results

Similar Description - DSR1B

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
DSR1A CHENDA-DSR1A Datasheet
584Kb / 2P
   SUFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
First Silicon Co., Ltd
SOD4001 FS-SOD4001 Datasheet
122Kb / 2P
   SUFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Electronics ...
DFR03A CHENDA-DFR03A Datasheet
148Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
FM4001-M CHENDA-FM4001-M Datasheet
133Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04_10 Datasheet
293Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Shenzhen Yixinwei Techn...
1N4001 YIXIN-1N4001_10 Datasheet
148Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Electronics ...
GS3ABF CHENDA-GS3ABF Datasheet
631Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
RS2AW CHENDA-RS2AW_V01 Datasheet
932Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
S2ABF CHENDA-S2ABF_V01 Datasheet
867Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
UN Semiconducctor INC
1N4007W UNSEMI-1N4007W Datasheet
2Mb / 4P
   Surface Mount General Purpose Silicon Rectifier
Revision March 1,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com