Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4520X7R3A102K Datasheet(PDF) 8 Page - TDK Electronics

Part # C4520X7R3A102K
Description  C Series High Voltage Application
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4520X7R3A102K Datasheet(HTML) 8 Page - TDK Electronics

Back Button C4520X7R3A102K Datasheet HTML 4Page - TDK Electronics C4520X7R3A102K Datasheet HTML 5Page - TDK Electronics C4520X7R3A102K Datasheet HTML 6Page - TDK Electronics C4520X7R3A102K Datasheet HTML 7Page - TDK Electronics C4520X7R3A102K Datasheet HTML 8Page - TDK Electronics C4520X7R3A102K Datasheet HTML 9Page - TDK Electronics C4520X7R3A102K Datasheet HTML 10Page - TDK Electronics C4520X7R3A102K Datasheet HTML 11Page - TDK Electronics C4520X7R3A102K Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
• All specifications are subject to change without notice. Please read the precautions before using the product.
US Catalog // C Series — High Voltage Application // Version A11
C Series — High Voltage Application
General
Specifications
*As for the initial measurement of capacitors (Class 2) on number 8, 11, 12 and 13, leave capacitors at 150 —10, 0°C for 1
hour and measure the value after leaving capacitor for 24±2h in ambient condition.
1,000MΩ min.
Insulation
Resistance
Characteristics
X7R: 200% of initial spec. max.
D.F. (Class 2)
C : Rated capacitance (pF)
Q (Class 1)
Capacitance
No mechanical damage.
External
appearance
1,000MΩ min.
Insulation
Resistance
Characteristics
X7R: 200% of initial spec. max.
D.F. (Class 2)
C : Rated capacitance (pF)
Q (Class 1)
Capacitance
No mechanical damage.
External
appearance
Reflow solder the capacitors on P.C. board (shown in
Appendix 1) before testing.
Leave at temperature 40±2ºC, 90 to 95%RH for 500
+24,0h.
Leave the capacitors in ambient conditions for 6 to 24h
(Class 1) or 24±2h (Class 2) before measurement.
Moisture Resistance (Steady State)
13
Reflow solder the capacitors on P.C. board (shown in
Appendix 1) before testing.
Apply rated voltage at maximum operating temperature
±2ºC for 1,000 +48, 0h.
Charge/discharge current shall not exceed 50mA.
Leave the capacitor in ambient conditions for 6 to 24h
(Class1) or 24±2h (Class2) before measurement.
Voltage conditioning:
Voltage treat the capacitors under testing temperature
and voltage for 1 hour.
Leave the capacitors in ambient conditions for 24±2h
before measurement.
Use this measurement for initial value.
Life
14
Test or Inspection Method
Performance
Item
No.
X7R
C0G
±12.5 %
Class 2
±5 %
Class 1
Change from the
value before test
Characteristics
275+5/2×C min.
10pF and over to
under 30pF
350 min.
30pF and over
Q
Rated Capacitance
X7R
C0G
±15 %
Class 2
±3 %
Class 1
Change from the
value before test
Characteristics
275+5/2×C min.
10pF and over to
under 30pF
350 min.
30pF and over
Q
Rated Capacitance


Similar Part No. - C4520X7R3A102K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4520X7R3A102K130KA TDK-C4520X7R3A102K130KA Datasheet
1Mb / 7P
   MULTILAYER CERAMIC CHIP CAPACITORS
C4520X7R3A102K130KA TDK-C4520X7R3A102K130KA_16 Datasheet
138Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
More results

Similar Description - C4520X7R3A102K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X7R1C473K TDK-C1005X7R1C473K Datasheet
1Mb / 72P
   C Series General Application
C3225X7R1C226KT TDK-C3225X7R1C226KT Datasheet
1Mb / 72P
   C Series General Application
C4532X7R2A225K TDK-C4532X7R2A225K Datasheet
1Mb / 72P
   C Series General Application
C3216X7R2A105M TDK-C3216X7R2A105M Datasheet
1Mb / 72P
   C Series General Application
C2012X7R1E474KT TDK-C2012X7R1E474KT Datasheet
1Mb / 72P
   C Series General Application
C5750X7R1H106M TDK-C5750X7R1H106M Datasheet
1Mb / 72P
   C Series General Application
C0603C0G1E220J TDK-C0603C0G1E220J Datasheet
1Mb / 72P
   C Series General Application
logo
KODENSHI_AUK CORP.
BF422 KODENSHI-BF422 Datasheet
212Kb / 4P
   High voltage application
logo
Unisonic Technologies
2SC4548 UTC-2SC4548 Datasheet
187Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700_2 Datasheet
193Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com