Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC157 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC157
Description  Quad 2-Input Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC157 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC157 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC157 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC157 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC157 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC157 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC157 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC157 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 1983
Revised February 1999
© 1999 Fairchild Semiconductor Corporation
DS005314.prf
www.fairchildsemi.com
MM74HC157
Quad 2-Input Multiplexer
General Description
The MM74HC157 high speed Quad 2-to-1 Line data selec-
tor/Multiplexers utilizes advanced silicon-gate CMOS tech-
nology. It possesses the high noise immunity and low
power consumption of standard CMOS integrated circuits,
as well as the ability to drive 10 LS-TTL loads.
This device consists of four 2-input digital multiplexers with
common select and STROBE inputs. When the STROBE
input is at logical “0” the four outputs assume the values as
selected from the inputs. When the STROBE input is at a
logical “1” the outputs assume logical “0”.
The 74HC logic family is functionally as well as pin-out
compatible with the standard 74LS logic family. All inputs
are protected from damage due to static discharge by inter-
nal diode clamps to VCC and ground.
Features
s Typical propagation delay: 14 ns data to any output
s Wide power supply range: 2–6V
s Low power supply quiescent current: 80
µA maximum
(74HC Series)
s Fan-out of 10 LS-TTL loads
s Low input current: 1
µA maximum
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Function Table
H
= HIGH Level,
L
= LOW Level
X
= Irrelevant
Order Number
Package Number
Package Description
MM74HC157M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
MM74HC157SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC157MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC157N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Inputs
Output
Strobe
Select
A
B
Y
HX
X
X
L
LL
L
X
L
LL
H
X
H
LH
X
L
L
LH
X
H
H


Similar Part No. - MM74HC157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
   8-Channel Digital Multiplexer
MM74HC151M FAIRCHILD-MM74HC151M Datasheet
71Kb / 7P
   8-Channel Digital Multiplexer
MM74HC151MTC FAIRCHILD-MM74HC151MTC Datasheet
71Kb / 7P
   8-Channel Digital Multiplexer
MM74HC151MTCX FAIRCHILD-MM74HC151MTCX Datasheet
71Kb / 7P
   8-Channel Digital Multiplexer
MM74HC151MX FAIRCHILD-MM74HC151MX Datasheet
71Kb / 7P
   8-Channel Digital Multiplexer
More results

Similar Description - MM74HC157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com