Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04023U100FAT2A Datasheet(PDF) 6 Page - AVX Corporation

Part # 04023U100FAT2A
Description  RF/Microwave C0G Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

04023U100FAT2A Datasheet(HTML) 6 Page - AVX Corporation

  04023U100FAT2A Datasheet HTML 1Page - AVX Corporation 04023U100FAT2A Datasheet HTML 2Page - AVX Corporation 04023U100FAT2A Datasheet HTML 3Page - AVX Corporation 04023U100FAT2A Datasheet HTML 4Page - AVX Corporation 04023U100FAT2A Datasheet HTML 5Page - AVX Corporation 04023U100FAT2A Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
“U” SERIES KITS
Designer Kits
Communication Kits “U” Series
0402
Kit 4000 UZ
Cap.
Cap.
Value Tolerance Value
Tolerance
pF
pF
1.0
6.8
1.2
7.5
B (±0.1pF)
1.5
8.2
1.8
10.0
2.0
12.0
2.4
B (±0.1pF)
15.0
2.7
18.0
3.0
22.0
J (±5%)
3.3
27.0
3.9
33.0
4.7
39.0
5.6
47.0
***25 each of 24 values
***25 each of 15 values
Kit 5000 UZ
Cap.
Cap.
Value Tolerance Value
Tolerance
pF
pF
0.5
4.7
1.0
5.6
B (±0.1pF)
1.5
6.8
1.8
B (±0.1pF)
8.2
2.2
10.0
2.4
12.0
J (±5%)
3.0
15.0
3.6
0805
***25 each of 30 values
Kit 3000 UZ
Cap.
Cap.
Value Tolerance Value
Tolerance
pF
pF
1.0
15.0
1.5
18.0
2.2
22.0
2.4
24.0
2.7
27.0
3.0
33.0
3.3
B (±0.1pF)
36.0
3.9
39.0
J (±5%)
4.7
47.0
5.6
56.0
7.5
68.0
8.2
82.0
9.1
100.0
10.0
J (±5%)
130.0
12.0
160.0
1210
***25 each of 30 values
Kit 3500 UZ
Cap.
Cap.
Value Tolerance Value
Tolerance
pF
pF
2.2
36.0
2.7
39.0
4.7
47.0
5.1
B (±0.1pF)
51.0
6.8
56.0
8.2
68.0
9.1
82.0
10.0
100.0
J (±5%)
13.0
120.0
15.0
130.0
18.0
J (±5%)
240.0
20.0
300.0
24.0
390.0
27.0
470.0
30.0
680.0
13
0603


Similar Part No. - 04023U100FAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023U100FA2A AVX-04023U100FA2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
04023U100FA4A AVX-04023U100FA4A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
04023U100FA9A AVX-04023U100FA9A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
More results

Similar Description - 04023U100FAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CU01 AVX-CU01 Datasheet
238Kb / 2P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
12105U471JAT2A AVX-12105U471JAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
08051U100JAT2A AVX-08051U100JAT2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
04025U220C4T2A AVX-04025U220C4T2A Datasheet
156Kb / 6P
   RF/Microwave C0G
08051U100JATJA AVX-08051U100JATJA Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
12101U160JAT2A AVX-12101U160JAT2A Datasheet
166Kb / 6P
   RF Microwave C0G (NP0) Capacitors (RoHS)
04023J2R9BBWTR AVX-04023J2R9BBWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J1R1ABSTR AVX-04023J1R1ABSTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J1R2ABSTR AVX-04023J1R2ABSTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J1R3ABWTR AVX-04023J1R3ABWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com