Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04021U100FAT2A Datasheet(PDF) 5 Page - AVX Corporation

Part # 04021U100FAT2A
Description  RF/Microwave C0G Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

04021U100FAT2A Datasheet(HTML) 5 Page - AVX Corporation

  04021U100FAT2A Datasheet HTML 1Page - AVX Corporation 04021U100FAT2A Datasheet HTML 2Page - AVX Corporation 04021U100FAT2A Datasheet HTML 3Page - AVX Corporation 04021U100FAT2A Datasheet HTML 4Page - AVX Corporation 04021U100FAT2A Datasheet HTML 5Page - AVX Corporation 04021U100FAT2A Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ULTRA LOW ESR, “U” SERIES
3.9 pF
4.7 pF
5.1 pF
6.8 pF
10.0 pF
15.0 pF
1
0.1
0.01
0
500
1000
1500
2000
2500
Frequency (MHz)
TYPICAL ESR vs. FREQUENCY�
0603 “U” SERIES
10 pF
15 pF
3.3 pF
1
0.1
0.01
0
500
1000
1500
2000
2500
Frequency (MHz)
TYPICAL ESR vs. FREQUENCY�
0402 “U” SERIES
10.0 pF
100 pF
1
0.1
0.01
0
500
1000
1500
2000
2500
Frequency (MHz)
TYPICAL ESR vs. FREQUENCY
0805 “U” SERIES
10 pF
100 pF
300 pF
1
0.1
0.01
0
500
1000
1500
2000
Frequency (MHz)
TYPICAL ESR vs. FREQUENCY
1210 “U” SERIES
ESR Measured on the Boonton 34A
RF/Microwave C0G (NP0)
Capacitors (Sn/Pb)
Ultra Low ESR, “U” Series, C0G (NP0) Chip Capacitors
CAPACITANCE RANGE
Available
Size
Cap (pF) Tolerance LD02 LD03 LD05 LD10
0.2
B,C
50V
N/A
N/A
N/A
0.3
0.4
0.5
B,C
0.6
B,C,D
0.7
0.8
0.9
B,C,D
Available
Size
Cap (pF) Tolerance LD02 LD03 LD05 LD10
1.0
B,C,D
50V 200V 200V 200V
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
B,C,D
6.8
B,C,J,K,M
Available
Size
Cap (pF) Tolerance LD02 LD03 LD05 LD10
7.5
B,C,J,K,M 50V 200V 200V 200V
8.2
9.1
B,C,J,K,M
10
F,G,J,K,M
11
12
13
15
18
200V
20
100V
22
24
27
30
50V
33
N/A
36
39
43
47
51
56
68
75
82
91
Available
Size
Cap (pF) Tolerance LD02 LD03 LD05 LD10
100
F,G,J,K,M N/A 100V 200V 200V
110
50V
120
50V
130
N/A 200V
140
100V
150
160
100V
180
N/A
200
220
270
300
330
360
390
430
200V
470
100V
510
560
620
680
750
820
910
1000
F,G,J,K,M
12


Similar Part No. - 04021U100FAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04021U100BAT2A AVX-04021U100BAT2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
04021U100BAT2A AVX-04021U100BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
04021U100BAT2A AVX-04021U100BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
04021U100BAT4A AVX-04021U100BAT4A Datasheet
156Kb / 6P
   Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
04021U100BAT4A AVX-04021U100BAT4A Datasheet
156Kb / 6P
   Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
More results

Similar Description - 04021U100FAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CU01 AVX-CU01 Datasheet
238Kb / 2P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
12105U471JAT2A AVX-12105U471JAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
08051U100JAT2A AVX-08051U100JAT2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
04025U220C4T2A AVX-04025U220C4T2A Datasheet
156Kb / 6P
   RF/Microwave C0G
08051U100JATJA AVX-08051U100JATJA Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
12101U160JAT2A AVX-12101U160JAT2A Datasheet
166Kb / 6P
   RF Microwave C0G (NP0) Capacitors (RoHS)
04023J2R9BBWTR AVX-04023J2R9BBWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J1R1ABSTR AVX-04023J1R1ABSTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J1R2ABSTR AVX-04023J1R2ABSTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J1R3ABWTR AVX-04023J1R3ABWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com