Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5252B-AU Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMSZ5252B-AU
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMSZ5252B-AU Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMSZ5252B-AU Datasheet HTML 1Page - Pan Jit International Inc. MMSZ5252B-AU Datasheet HTML 2Page - Pan Jit International Inc. MMSZ5252B-AU Datasheet HTML 3Page - Pan Jit International Inc. MMSZ5252B-AU Datasheet HTML 4Page - Pan Jit International Inc. MMSZ5252B-AU Datasheet HTML 5Page - Pan Jit International Inc. MMSZ5252B-AU Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
MMSZ5221B-AU~MMSZ5262B-AU
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
NOTES:
A. Mounted on 100cm2(1mm thick) copper areas.
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
2.4 to 51 Volts
POWER
500 mWatts
MECHANICAL DATA
• Case: SOD-123, Molded Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: See Diagram Below
• Approx. Weight: 0.0004 ounces, 0.0104 grams
• Mounting Position: Any
Parameter
Symbol
Value
Units
Total Power Dissipation (Notes A) at T
L=60
O
C
PD
500
mW
Operating Junction and StorageTemperature Range
TJ
-55 to +150
O
C
1
2
Cathode
Anode
February 17,2011-REV.03
0.154(3.90)
0.141(3.60)
0.110(2.80)
0.098(2.50)
0.028(0.70)
0.019(0.50)
0.008(0.20)MAX.
0.005(0.12)MAX.
0.016(0.40)MIN.
0.053(1.35)
0.037(0.95)
0.071(1.80)
0.055(1.40)
Unit inch(mm)
SOD-123
FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)


Similar Part No. - MMSZ5252B-AU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5252B-7-F DIODES-MMSZ5252B-7-F Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
TAITRON Components Inco...
MMSZ5252B-F TAITRON-MMSZ5252B-F Datasheet
161Kb / 4P
   500mW Two Terminals SMD Zener Diodes
logo
Won-Top Electronics
MMSZ5252B-T1 WTE-MMSZ5252B-T1 Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Micro Commercial Compon...
MMSZ5252B-TP MCC-MMSZ5252B-TP Datasheet
409Kb / 6P
   500 mW Zener Diodes 2.4 to 39 Volts
logo
Vishay Siliconix
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results

Similar Description - MMSZ5252B-AU

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com