Selected language     English  ▼


00-6232-120-103-800 Datasheet(PDF) 1 Page - AVX Corporation

Part No. 00-6232-120-103-800
Description  1.0mm Pitch LIF RA SMT
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

   
 1 page
background image
00:トレー梱包
TRAY PACKAGE
エンボス梱包品:04 6232 1XX 10X 800+
Tape & Reel Package:04 6232 1XX 10X 800+
SERIES
6232 1.0mmピッチ NON-ZIF RA SMT
1.0mmPitch LIF RA SMT
注文コード ORDERING CODE
XX 6232 1XX 10X 800+
極数 NUMBER OF POSITIONS
スズ銅めっき
接点位置 CONTACT POSITION
2 : 下接点 BOTTOM CONTACT
3 : 上接点 TOP CONTACT
Sn-Cu Plated
上接点 Top contact
下接点 Bottom contact
RoHS 対応品
RoHS Compliant Product
1.0mm Pitch
生産対応可能極数については、営業部に
ご確認願います。
Feel free to contact our sales department
for available numbers of positions.




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl