Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5257B-AU Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # MMSZ5257B-AU
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMSZ5257B-AU Datasheet(HTML) 3 Page - Pan Jit International Inc.

  MMSZ5257B-AU Datasheet HTML 1Page - Pan Jit International Inc. MMSZ5257B-AU Datasheet HTML 2Page - Pan Jit International Inc. MMSZ5257B-AU Datasheet HTML 3Page - Pan Jit International Inc. MMSZ5257B-AU Datasheet HTML 4Page - Pan Jit International Inc. MMSZ5257B-AU Datasheet HTML 5Page - Pan Jit International Inc. MMSZ5257B-AU Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 C
O
5C
O
25 C
O
150 C
O
100
10
1
10
100
Fig.2 TEMPERATURE COEFFICIENTS
Fig.4 TYPICAL FORWARD VOLTAGE
Fig.5 POWER DERATING CURVE
NOMINAL ZENER VOLTAGE ,VOLTS
FORWARD VOLTAGE, VOLTS
90
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
+150 C
O
+25 C
O
-55 C
O
Fig.3 TYPICAL LEAKAGE CURRENT
NORMAL ZENER VOLTAGE, VOLTS
-1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
-2
-3
Fig.1 TEMPERATURE COEFFICIENTS
NOMINAL ZENER VOLTAGE ,VOLTS
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0.00
90
80
70
60
50
40
30
20
10
0
150
140
130
120
110
100
TL, LEAD TEMPERATURE ( C)
O
February 17,2011-REV.03
MMSZ5221B
~MMSZ5262B


Similar Part No. - MMSZ5257B-AU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5257B-7-F DIODES-MMSZ5257B-7-F Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
TAITRON Components Inco...
MMSZ5257B-F TAITRON-MMSZ5257B-F Datasheet
161Kb / 4P
   500mW Two Terminals SMD Zener Diodes
logo
Won-Top Electronics
MMSZ5257B-T1 WTE-MMSZ5257B-T1 Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Micro Commercial Compon...
MMSZ5257B-TP MCC-MMSZ5257B-TP Datasheet
409Kb / 6P
   500 mW Zener Diodes 2.4 to 39 Volts
More results

Similar Description - MMSZ5257B-AU

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com