Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225Y5V1C226Z Datasheet(PDF) 4 Page - TDK Electronics

Part # C3225Y5V1C226Z
Description  Ceramic Capacitors For Smoothing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3225Y5V1C226Z Datasheet(HTML) 4 Page - TDK Electronics

  C3225Y5V1C226Z Datasheet HTML 1Page - TDK Electronics C3225Y5V1C226Z Datasheet HTML 2Page - TDK Electronics C3225Y5V1C226Z Datasheet HTML 3Page - TDK Electronics C3225Y5V1C226Z Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4416_C3225
010122
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
4416_C3225
(4/4)
Ceramic Capacitors
C Series
For Smoothing
SMD
C5750 (EIA:CC2220) TYPE
SHAPES AND DIMENSIONS
CAPACITANCE RANGES:
CLASS 2 (TEMPERATURE STABLE)
TEMPERATURE CHARACTERISTICS: X7R(±15%)
RATED VOLTAGE Edc: 50V
RATED VOLTAGE Edc: 25V
RATED VOLTAGE Edc: 16V
TEMPERATURE CHARACTERISTICS: X5R(±15%)
RATED VOLTAGE Edc: 50V
RATED VOLTAGE Edc: 25V
RATED VOLTAGE Edc: 16V
RATED VOLTAGE Edc: 10V
RATED VOLTAGE Edc: 6.3V
TEMPERATURE CHARACTERISTICS: Y5V(+22, –82%)
RATED VOLTAGE Edc:50V
RATED VOLTAGE Edc:25V
RATED VOLTAGE Edc:16V
RATED VOLTAGE Edc:10V
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
2200000
[2.2µF]
±10%
1.6±0.2
C5750X7R1H225K
±20%
1.6±0.2
C5750X7R1H225M
3300000
[3.3µF]
±10%
1.6±0.2
C5750X7R1H335K
±20%
1.6±0.2
C5750X7R1H335M
4700000
[4.7µF]
±10%
2.0±0.2
C5750X7R1H475K
±20%
2.0±0.2
C5750X7R1H475M
6800000
[6.8µF]
±10%
2.5±0.3
C5750X7R1H685K
±20%
2.5±0.3
C5750X7R1H685M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
6800000
[6.8µF]
±10%
1.6±0.2
C5750X7R1E685K
±20%
1.6±0.2
C5750X7R1E685M
10000000
[10µF]
±20%
2.0±0.2
C5750X7R1E106M
15000000
[15µF]
±20%
2.3±0.2
C5750X7R1E156M
22000000
[22µF]
±20%
2.5±0.3
C5750X7R1E226M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
15000000
[15µF]
±20%
2.0±0.2
C5750X7R1C156M
22000000
[22µF]
±20%
2.3±0.2
C5750X7R1C226M
0.2min.
5.7
±0.4
2min.
Dimensions in mm
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
10000000
[10µF]
±20%
2.3±0.2
C5750X5R1H106M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
22000000
[22µF]
±20%
2.3±0.2
C5750X5R1E226M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
33000000
[33µF]
±20%
2.0±0.2
C5750X5R1C336M
47000000
[47µF]
±20%
2.3±0.2
C5750X5R1C476M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
68000000
[68µF]
±20%
2.3±0.2
C5750X5R1A686M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
100000000
[100µF]
±20%
2.8±0.3
C5750X5R0J107M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
22000000
[22µF]
+80, –20%
2.0±0.2
C5750Y5V1H226Z
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
47000000
[47µF]
+80, –20%
2.0±0.2
C5750Y5V1E476Z
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
100000000
[100µF]
+80, –20%
2.5±0.3
C5750Y5V1C107Z
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
100000000
[100µF]
+80, –20%
2.5±0.3
C5750Y5V1A107Z
• For more information about products with other capacitance or other data,
please contact us.
• Please contact us for the capacitance tolerance ±10% products of 10µF
min. with temperature characteristics B, X7R and X5R.


Similar Part No. - C3225Y5V1C226Z

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225Y5V1C105KB TDK-C3225Y5V1C105KB Datasheet
169Kb / 4P
   Ceramic Capacitors
C3225Y5V1C105KT TDK-C3225Y5V1C105KT Datasheet
169Kb / 4P
   Ceramic Capacitors
C3225Y5V1C105MB TDK-C3225Y5V1C105MB Datasheet
169Kb / 4P
   Ceramic Capacitors
C3225Y5V1C105MT TDK-C3225Y5V1C105MT Datasheet
169Kb / 4P
   Ceramic Capacitors
C3225Y5V1C105ZB TDK-C3225Y5V1C105ZB Datasheet
169Kb / 4P
   Ceramic Capacitors
More results

Similar Description - C3225Y5V1C226Z

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25355 EPCOS-B25355 Datasheet
436Kb / 30P
   MP DC Capacitors Smoothing, Supporting, Discharge
logo
Motorola, Inc
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
logo
Johanson Technology Inc...
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
129Kb / 2P
   Switching Power Supply Smoothing (Input/Output)
logo
Panasonic Semiconductor
ECJ-2VB1H272K PANASONIC-ECJ-2VB1H272K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H820J PANASONIC-ECJ-1VC1H820J Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1E104K PANASONIC-ECJ-1VB1E104K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEB1A153 PANASONIC-ECJZEB1A153 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEB1E681 PANASONIC-ECJZEB1E681 Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
logo
AVX Corporation
0603ZD105KAT2A AVX-0603ZD105KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
logo
TDK Electronics
C2012JB2E102K TDK-C2012JB2E102K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com