Selected language     English  ▼


00-6232-123-103-800 Datasheet(PDF) 4 Page - AVX Corporation

Part No. 00-6232-123-103-800
Description  1.0mm Pitch LIF RA SMT
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

   
 4 page
background image
04 6232 1XX 015 800+
極数
NUMBER OF
POSITIONS
注文コード ORDERING CODE
04:エンボス梱包
Tape & Reel
トレー梱包品:00 6232 1XX 006 800+
Tray Package:00 6232 1XX 006 800+
SERIES
6232 エンボス梱包品
Tape and Reel Package
梱包数量
900個 /リール
PACKING QUANTITY:900 /Reel
スズ銅めっき Sn-Cu Plated
RoHS 対応品
RoHS Compliant Product
+
+
+
+
1.0mm Pitch
生産対応可能極数については、営業部に
ご確認願います。
Feel free to contact our sales department
for available numbers of positions.
800+
6232
103
104
105
106
107
108
109
110
04
型   番
極数
AB
C
015
3
4
5
6
7
8
9
10
3.7
4.7
5.7
6.7
7.7
8.7
9.7
10.7
6.3
7.3
8.3
9.3
10.3
11.3
12.3
13.3
8.7
9.7
10.7
11.7
12.7
13.7
14.7
15.7
800+
6232
04
015
800+
6232
111
112
113
114
115
116
117
118
04
型   番
極数
AB
C
015
11
12
13
14
15
16
17
18
11.7
12.7
13.7
14.7
15.7
16.7
17.7
18.7
14.3
15.3
16.3
17.3
18.3
19.3
20.3
21.3
16.7
17.7
18.7
19.7
20.7
21.7
22.7
23.7
800+
6232
04
015




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl