Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

245801016003829 Datasheet(PDF) 3 Page - AVX Corporation

Part # 245801016003829
Description  0.4mm Pitch Series 5801
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

245801016003829 Datasheet(HTML) 3 Page - AVX Corporation

  245801016003829 Datasheet HTML 1Page - AVX Corporation 245801016003829 Datasheet HTML 2Page - AVX Corporation 245801016003829 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.4mm Pitch
SERIES
ST SMT
Receptacle Vertical SMT
Tape & Reel Package
ORDERING CODE
24 5801 0XX 00X 829+
Number of positions
2
With metal tab, Without boss
3
With metal tab and boss
PACKING QUANTITY
2000 /Reel
RoHS
RoHS Compliant Product
注)生産可能極数については営業部にご確認願います。
Note) Feel free to contact our sales department
for available numbers of positions.
5801


Similar Part No. - 245801016003829

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
245805040000829 AVX-245805040000829 Datasheet
151Kb / 2P
   0.4 mmPitch
More results

Similar Description - 245801016003829

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
logo
ON Semiconductor
CM6100 ONSEMI-CM6100 Datasheet
100Kb / 6P
   0.4mm Pitch Daisy Chain
May 2010 Rev. 6
logo
Panasonic Semiconductor
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
TF13 HIROSE-TF13 Datasheet
597Kb / 6P
   0.4mm PITCH Back-Flip Type
logo
I-PEX Inc.
20374-R30E-31 I-PEX-20374-R30E-31 Datasheet
228Kb / 2P
   0.4mm Pitch Right Angle Stacking Type
2016/06R11
logo
Japan Aviation Electron...
WA6 JAE-WA6 Datasheet
336Kb / 5P
   0.4mm pitch Board to Board connector
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
   0.4mm pitch/ Board-to-board connectors
logo
Everlight Electronics C...
BHC-ZL1M2RY EVERLIGHT-BHC-ZL1M2RY Datasheet
152Kb / 10P
   chip LED(0.4mm Height)
19-217-GHC-YR1S2 EVERLIGHT-19-217-GHC-YR1S2 Datasheet
159Kb / 10P
   Chip LED(0.4mm Height)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com