Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLP8040T-4R7M Datasheet(PDF) 6 Page - TDK Electronics

Part # VLP8040T-4R7M
Description  Inductors for Power Circuits Wound Ferrite VLPseries
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLP8040T-4R7M Datasheet(HTML) 6 Page - TDK Electronics

Back Button VLP8040T-4R7M Datasheet HTML 2Page - TDK Electronics VLP8040T-4R7M Datasheet HTML 3Page - TDK Electronics VLP8040T-4R7M Datasheet HTML 4Page - TDK Electronics VLP8040T-4R7M Datasheet HTML 5Page - TDK Electronics VLP8040T-4R7M Datasheet HTML 6Page - TDK Electronics VLP8040T-4R7M Datasheet HTML 7Page - TDK Electronics VLP8040T-4R7M Datasheet HTML 8Page - TDK Electronics VLP8040T-4R7M Datasheet HTML 9Page - TDK Electronics VLP8040T-4R7M Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
(5/12)
INDUC
T
O
RS
001-01 / 20130516 / e531_vlp.fm
• All specifications are subject to change without notice.
VLP series 
VLP6045L Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(kHz)
DC resistance
(
 )
Rated current(A)
Part No.
max.
typ.
(µH)
Tolerance
max.
typ.
Idc1
Idc2
1.0
±30%
100
0.017
0.013
8.6
6.5
VLP6045LT-1R0N
1.5
±30%
100
0.024
0.018
7.2
5.4
VLP6045LT-1R5N
2.2
±30%
100
0.026
0.020
6.4
5.1
VLP6045LT-2R2N
3.3
±30%
100
0.033
0.025
5.2
4.6
VLP6045LT-3R3N
4.7
±20%
100
0.038
0.029
4.4
4.1
VLP6045LT-4R7M
6.8
±20%
100
0.057
0.044
3.8
3.3
VLP6045LT-6R8M
10
±20%
100
0.072
0.055
3.2
3.0
VLP6045LT-100M
15
±20%
100
0.112
0.086
2.5
2.3
VLP6045LT-150M
22
±20%
100
0.140
0.108
2.1
2.0
VLP6045LT-220M
33
±20%
100
0.202
0.155
1.6
1.5
VLP6045LT-330M
47
±20%
100
0.299
0.230
1.4
1.4
VLP6045LT-470M
68
±20%
100
0.455
0.350
1.1
1.0
VLP6045LT-680M
100
±20%
100
0.663
0.510
0.9
0.8
VLP6045LT-101M
Measurement item
Product No.
Manufacturer
L
4194A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies


Similar Part No. - VLP8040T-4R7M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLP8040T-4R7M TDK-VLP8040T-4R7M Datasheet
183Kb / 9P
   Wound Ferrite
More results

Similar Description - VLP8040T-4R7M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLP6045L TDK-VLP6045L Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite VLPseries
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com