Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLP6045LT-3R3N Datasheet(PDF) 10 Page - TDK Electronics

Part # VLP6045LT-3R3N
Description  Inductors for Power Circuits Wound Ferrite VLPseries
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLP6045LT-3R3N Datasheet(HTML) 10 Page - TDK Electronics

Back Button VLP6045LT-3R3N Datasheet HTML 5Page - TDK Electronics VLP6045LT-3R3N Datasheet HTML 6Page - TDK Electronics VLP6045LT-3R3N Datasheet HTML 7Page - TDK Electronics VLP6045LT-3R3N Datasheet HTML 8Page - TDK Electronics VLP6045LT-3R3N Datasheet HTML 9Page - TDK Electronics VLP6045LT-3R3N Datasheet HTML 10Page - TDK Electronics VLP6045LT-3R3N Datasheet HTML 11Page - TDK Electronics VLP6045LT-3R3N Datasheet HTML 12Page - TDK Electronics VLP6045LT-3R3N Datasheet HTML 13Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
(9/12)
INDUC
T
O
RS
001-01 / 20130516 / e531_vlp.fm
• All specifications are subject to change without notice.
VLP series 
VLP8040 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the initial value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(kHz)
DC resistance
(
 )
Rated current(A)
Part No.
max.
typ.
(µH)
Tolerance
max.
typ.
Idc1
Idc2
1.0
±30%
100
0.011
0.008
9.4
7.0
VLP8040T-1R0N
1.5
±30%
100
0.013
0.010
7.8
6.7
VLP8040T-1R5N
2.2
±30%
100
0.015
0.012
6.7
6.2
VLP8040T-2R2N
3.3
±30%
100
0.020
0.015
5.2
5.2
VLP8040T-3R3N
4.7
±20%
100
0.025
0.019
4.4
4.5
VLP8040T-4R7M
6.8
±20%
100
0.032
0.024
3.6
4.0
VLP8040T-6R8M
10
±20%
100
0.038
0.032
3.2
3.5
VLP8040T-100M
15
±20%
100
0.058
0.048
2.6
2.9
VLP8040T-150M
22
±20%
100
0.075
0.062
2.2
2.5
VLP8040T-220M
33
±20%
100
0.11
0.090
1.8
2.1
VLP8040T-330M
47
±20%
100
0.16
0.13
1.5
1.7
VLP8040T-470M
68
±20%
100
0.23
0.19
1.2
1.4
VLP8040T-680M
100
±20%
100
0.33
0.28
1.0
1.2
VLP8040T-101M
150
±20%
100
0.49
0.41
0.8
1.0
VLP8040T-151M
220
±20%
100
0.73
0.61
0.6
0.8
VLP8040T-221M
330
±20%
100
1.1
0.89
0.5
0.7
VLP8040T-331M
680
±20%
100
2.2
1.8
0.3
0.5
VLP8040T-681M
Measurement item
Product No.
Manufacturer
L
4194A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies


Similar Part No. - VLP6045LT-3R3N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLP6045LT-3R3N TDK-VLP6045LT-3R3N Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite VLPseries
VLP6045LT-3R3N TDK-VLP6045LT-3R3N Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite
VLP6045LT-3R3N TDK-VLP6045LT-3R3N Datasheet
1Mb / 14P
   Inductors for Power Circuits
VLP6045LT-3R3N TDK-VLP6045LT-3R3N Datasheet
119Kb / 9P
   Wound Ferrite
More results

Similar Description - VLP6045LT-3R3N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLP6045L TDK-VLP6045L Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite VLPseries
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com