Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC164MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HC164MTC
Description  8-Bit Serial-in/Parallel-out Shift Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC164MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HC164MTC Datasheet HTML 1Page - Fairchild Semiconductor MM74HC164MTC Datasheet HTML 2Page - Fairchild Semiconductor MM74HC164MTC Datasheet HTML 3Page - Fairchild Semiconductor MM74HC164MTC Datasheet HTML 4Page - Fairchild Semiconductor MM74HC164MTC Datasheet HTML 5Page - Fairchild Semiconductor MM74HC164MTC Datasheet HTML 6Page - Fairchild Semiconductor MM74HC164MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC
2 f
+ I
CC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Operating Frequency
30
MHz
tPHL, tPLH
Maximum Propagation Delay
19
30
ns
Clock to Output
tPHL
Maximum Propagation Delay
23
35
ns
Clear to Output
tREM
Minimum Removal Time,
−20ns
Clear to Clock
tS
Minimum Setup Time
12
20
ns
Data to Clock
tH
Minimum Hold Time
1
5
ns
Clock to Data
tW
Minimum Pulse Width
10
16
ns
Clear or Clock
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating Frequency
2.0V
5
4
3
MHz
4.5V
27
21
18
6.0V
31
24
20
tPHL, tPLH Maximum Propagation Delay
2.0V
115
175
218
254
ns
Clock to Output
4.5V
13
35
44
51
6.0V
20
30
38
44
tPHL
Maximum Propagation Delay
2.0V
140
205
256
297
ns
Clear to Output
4.5V
28
41
51
59
6.0V
24
35
44
51
tREM
Minimum Removal Time
2.0V
−70
0
0
ns
Clear to Clock
4.5V
−30
0
0
6.0V
−20
0
0
tS
Minimum Setup Time
2.0V
25
100
125
150
ns
Data to Clock
4.5V
14
20
25
30
6.0V
12
17
21
25
tH
Minimum Hold Time
2.0V
−25
5
5
ns
Clock to Data
4.5V
0
5
5
5
6.0V
1
5
5
5
tW
Minimum Pulse Width
2.0V
22
80
100
120
ns
Clear or Clock
4.5V
11
16
20
24
6.0V
10
14
18
20
tTHL, tTLH Maximum Output
2.0V
75
95
110
ns
Rise and Fall Time
4.5V
15
19
22
6.0V
13
16
19
tr, tf
Maximum Input
2.0V
1000
1000
1000
ns
Rise and Fall Time
4.5V
500
500
500
6.0V
400
400
400
CPD
Power Dissipation Capacitance
(Note 5)
(per package)
5.0V
150
pF
CIN
Maximum Input Capacitance
5
10
10
10
pF


Similar Part No. - MM74HC164MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC164MTC ONSEMI-MM74HC164MTC Datasheet
278Kb / 9P
   8-Bit Serial-in/Parallel-out Shift Register
February 2008 Rev. 1.5.0
More results

Similar Description - MM74HC164MTC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com