Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2105-GM Datasheet(PDF) 10 Page - Silicon Laboratories

Part # CP2105-GM
Description  Data format: 8 data bits, 1 stop bit Parity: Even, Pdd, No parity Baud rates: 2400 bps to 921600 bps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2105-GM Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button CP2105-GM Datasheet HTML 6Page - Silicon Laboratories CP2105-GM Datasheet HTML 7Page - Silicon Laboratories CP2105-GM Datasheet HTML 8Page - Silicon Laboratories CP2105-GM Datasheet HTML 9Page - Silicon Laboratories CP2105-GM Datasheet HTML 10Page - Silicon Laboratories CP2105-GM Datasheet HTML 11Page - Silicon Laboratories CP2105-GM Datasheet HTML 12Page - Silicon Laboratories CP2105-GM Datasheet HTML 13Page - Silicon Laboratories CP2105-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CP2105
10
Rev. 1.0
4. QFN-24 Package Specifications
Figure 3. QFN-24 Package Drawing
Table 8. QFN-24 Package Dimensions
Dimension
Min
Typ
Max
Dimension
Min
Typ
Max
A
0.70
0.75
0.80
L
0.30
0.40
0.50
A1
0.00
0.02
0.05
L1
0.00
0.15
b
0.18
0.25
0.30
aaa
0.15
D
4.00 BSC.
bbb
0.10
D2
2.55
2.70
2.80
ddd
0.05
e
0.50 BSC.
eee
0.08
E
4.00 BSC.
Z
0.24
E2
2.55
2.70
2.80
Y
0.18
Notes:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3. This drawing conforms to JEDEC Solid State Outline MO-220, variation WGGD except for
custom features D2, E2, Z, Y, and L which are toleranced per supplier designation.
4. Recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body
Components.


Similar Part No. - CP2105-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
   Quick Start Guide
More results

Similar Description - CP2105-GM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC6173 MOTOROLA-MC6173 Datasheet
843Kb / 15P
   2400 bps DIGITAL DEMODULATOR
logo
Hitachi Semiconductor
HD74HC180 HITACHI-HD74HC180 Datasheet
51Kb / 8P
   8-bit Odd/Even Parity Generator/Checker
logo
List of Unclassifed Man...
ML7012-06 ETC2-ML7012-06 Datasheet
298Kb / 23P
   2400 bps Single Chip Full Duplex Data Modem with Protocol
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
   Miniature 2400 bps Modem Module
logo
DB Lectro Inc
BPS-8 DBLECTRO-BPS-8 Datasheet
72Kb / 1P
   BPS-8
logo
OKI electronic componet...
ML7012 OKI-ML7012 Datasheet
155Kb / 22P
   2400 bps Single Chip Full Duplex Data Modem with Protocol
logo
DB Lectro Inc
BPS-1 DBLECTRO-BPS-1 Datasheet
71Kb / 1P
   BPS-1
logo
WAGO Kontakttechnik Gmb...
750-651-000-002 WAGO-750-651-000-002 Datasheet
501Kb / 11P
   Serial TTY Interface; 9600 baud; Even; 8/1 bits
logo
List of Unclassifed Man...
XE2476 ETC-XE2476 Datasheet
96Kb / 12P
   2400 bps Plug-In Upgrade to CH1776
RC2424DP ETC1-RC2424DP Datasheet
2Mb / 36P
   RC2424DP/DS 2400 BPS FULL-DUPLEX MODEM DATA PUMP DEVICE SET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com