Electronic Components Datasheet Search |
|
C65DRT Datasheet(PDF) 1 Page - Silicon Laboratories |
|
C65DRT Datasheet(HTML) 1 Page - Silicon Laboratories |
1 / 3 page Pb RoHS COMPLIANT C .245 6.22 .186 4.72 .431 10.95 .025 0.64 A A FITS .043 MIN HOLE _ _ C _ _ DRTH SECTION A - A F .265 6.73 INSERTION DEPTH .200±.025 5.08±0.64 TAIL LENGTH .140 3.56 ROW SPACING E D B 2X .125 3.18 CARDSLOT .075[1.90] .100 2.54 A CONTACT MARKINGS B 1 2 3 ... 60 B A 1 2 3 ... 60 A NOTES: INSULATOR MATERIAL: SEE PART NUMBER CODING 1. CONTACT MATERIAL: SEE PART NUMBER CODING 2. PLATING: SEE PART NUMBER CODING 3. OPERATING TEMPERATURE: SEE PART NUMBER CODING 4. PROCESSING TEMP: SEE PART NUMBER CODING 5. UL FLAMMABILITY RATING: 94V-0 6. VOLTAGE RATING: 600 VDC MINIMUM AT SEA LEVEL. 7. CURRENT RATING: 3 AMP PER CONTACT PAIR 8. VOLTAGE DROP: 30 MILLI VOLT AT RATED CURRENT 9. INSULATION RESISTANCE: 5000 MEGA OHM 10. CONNECTOR IDENTIFICATION: THE PART SHALL BE MARKED WITH A PART 11. NUMBER AND BARCODE BOARD THICKNESS ACCOMMODATED: .062 .008" 12. BOARD INSERTION FORCE: 16 OZ MAX PER CONTACT PAIR WHEN USING A .062" TEST BLADE. 13. INTERNAL INSPECTION TO BE PER SULLIN'S WORK INSTRUCTION W17.3-01. BOARD WITHDRAWAL FORCE: 1 OUNCE MINIMUM PER CONTACT PAIR USING .062" PCB 14. CONTACT ID SCALE 2:1 REVISIONS REV. ECO. NO DESCRIPTION DATE BY A 1254 INITIAL RELEASE 1-25-07 MNH B 2072 ADD B MOUNTING STYLE 11/05/09 JH D C B A A B C D 1 2 3 4 5 6 7 8 8 7 6 5 4 3 2 1 E F E F DIMENSIONS ARE IN INCHES[MM] TOLERANCES: ANGULAR: 30' .XX= .02 [.508] .XXX= .005 [.1270] .XXXX= .0005 [.0127] SURFACE FINISH: 63 Ra REMOVE ALL BURRS AND SHARP EDGES .010 MAX INTERPRET DIMENSIONS AND GEOMETRIC TOLERANCING PER: ANSI Y14.5M-1994 UNLESS OTHERWISE SPECIFIED: DATE NAME DRAWN SIZE C DWG. NO. REV SHEET 1 OF 3 SCALE: 2:1 MNH C10878 B THE INFORMATION HEREIN CONTAINS PROPIETARY INFORMATION OF SULLINS ELECTRONICS AND IS NOT TO BE REPRODUCED, USED OR DISCLOSED TO OTHERS FOR ANY PURPOSE EXCEPT AS SPECIFICALLY AUTHORIZED IN WRITING BY AN OFFICER OF SULLINS ELECTRONICS. EDGECARD, .100 CC LP _ _C_ _DRT_ FILE NAME: Z:\ECO PENDING\2072\C10878, _ _C_ _DRT_ PRINT: 1/28/2010 DESCRIPTION 1/25/07 PART NUMBER CUSTOMER COPY |
Similar Part No. - C65DRT |
|
Similar Description - C65DRT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |