Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC123AD-Q100 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHC123AD-Q100
Description  Dual retriggerable monostable multivibrator with reset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC123AD-Q100 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHC123AD-Q100 Datasheet HTML 1Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 2Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 3Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 4Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 5Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 6Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 7Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 8Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
74AHC_AHCT123A_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 23 May 2013
2 of 22
NXP Semiconductors
74AHC123A-Q100; 74AHCT123A-Q100
Dual retriggerable monostable multivibrator with reset
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0
)
Multiple package options
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AHC123AD-Q100
40 Cto+125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74AHCT123AD-Q100
74AHC123APW-Q100
40 Cto+125 C
TSSOP16
plastic thin shrink small outline package;
16 leads; body width 4.4 mm
SOT403-1
74AHCT123APW-Q100
74AHC123ABQ-Q100
40 Cto+125 C
DHVQFN16 plastic dual in-line compatible thermal
enhanced very thin quad flat package; no leads;
16 terminals; body 2.5
 3.5  0.85 mm
SOT763-1
74AHCT123ABQ-Q100
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aae521
14
1
2
3
1A
1B
1RD
9
10
11
2A
2B
2RD
15
S
Q
Q
T
RD
13
4
1CEXT
1REXT/CEXT
1Q
1Q
6
7
5
12
2CEXT
2REXT/CEXT
2Q
2Q
1
2
3
13
CX
&
RCX
R
R
14
4
15
001aae522
9
10
11
5
CX
&
RCX
6
12
7


Similar Part No. - 74AHC123AD-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC123AD-Q100 NEXPERIA-74AHC123AD-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
More results

Similar Description - 74AHC123AD-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com