Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC123AD-Q100 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AHC123AD-Q100
Description  Dual retriggerable monostable multivibrator with reset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC123AD-Q100 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AHC123AD-Q100 Datasheet HTML 1Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 2Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 3Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 4Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 5Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 6Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 7Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 8Page - NXP Semiconductors 74AHC123AD-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The 74AHC123A-Q100; 74AHCT123A-Q100 are high-speed Si-gate CMOS devices and
are pin compatible with Low-power Schottky TTL (LSTTL). They are specified in
compliance with JEDEC standard no. 7A.
The 74AHC123A-Q100; 74AHCT123A-Q100 are dual retriggerable monostable
multivibrators with output pulse width control by three methods. The selection of an
external resistor (Rext) and capacitor (Cext) program the basic pulse time. The external
resistor and capacitor are normally connected as shown in Figure 11.
Once triggered, the basic output pulse width may be extended by retriggering the gated
active LOW-going edge input (nA) or the active HIGH-going edge input (nB). By repeating
this process, the output pulse period (nQ = HIGH, nQ = LOW) can be made as long as
desired. Alternatively an output delay can be terminated at any time by a LOW-going edge
on input nRD, which also inhibits the triggering.
An internal connection from nRD to the input gate makes it possible to trigger the circuit by
a positive-going signal at input nRD as shown in Table 3. Figure 8 and Figure 9 illustrate
pulse control by retriggering and early reset. The values of the external timing
components Rext and Cext, determine the basic output pulse width. When Cext  10 nF, the
typical output pulse width is defined as: tW =Rext  Cext where tW = pulse width in ns;
Rext = external resistor in k; Cext = external capacitor in pF. Schmitt-trigger action at all
inputs makes the circuit highly tolerant to slower input rise and fall times.
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
2.
Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from
40 C to +85 C and from 40 C to +125 C
All inputs have a Schmitt-trigger action
Inputs accept voltages higher than VCC
DC triggered from active HIGH or active LOW inputs
Retriggerable for very long pulses up to 100 % duty factor
Direct reset terminates output pulse
For 74AHC123A-Q100 only: operates with CMOS input levels
For 74AHCT123A-Q100 only: operates with TTL input levels
ESD protection:
74AHC123A-Q100;
74AHCT123A-Q100
Dual retriggerable monostable multivibrator with reset
Rev. 1 — 23 May 2013
Product data sheet


Similar Part No. - 74AHC123AD-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC123AD-Q100 NEXPERIA-74AHC123AD-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
More results

Similar Description - 74AHC123AD-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com