Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC244WM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC244WM
Description  Octal 3-STATE Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC244WM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC244WM Datasheet HTML 1Page - Fairchild Semiconductor MM74HC244WM Datasheet HTML 2Page - Fairchild Semiconductor MM74HC244WM Datasheet HTML 3Page - Fairchild Semiconductor MM74HC244WM Datasheet HTML 4Page - Fairchild Semiconductor MM74HC244WM Datasheet HTML 5Page - Fairchild Semiconductor MM74HC244WM Datasheet HTML 6Page - Fairchild Semiconductor MM74HC244WM Datasheet HTML 7Page - Fairchild Semiconductor MM74HC244WM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 Fairchild Semiconductor Corporation
DS005327
www.fairchildsemi.com
September 1983
Revised August 2000
MM74HC244
Octal 3-STATE Buffer
General Description
The MM74HC244 is a non-inverting buffer and has two
active low enables (1G and 2G); each enable indepen-
dently controls 4 buffers. This device does not have
Schmitt trigger inputs.
These 3-STATE buffers utilize advanced silicon-gate
CMOS technology and are general purpose high speed
non-inverting buffers. They possess high drive current out-
puts which enable high speed operation even when driving
large bus capacitances. These circuits achieve speeds
comparable to low power Schottky devices, while retaining
the advantage of CMOS circuitry, i.e., high noise immunity,
and low power consumption. All three devices have a
fanout of 15 LS-TTL equivalent inputs.
All inputs are protected from damage due to static dis-
charge by diodes to VCC and ground.
Features
s Typical propagation delay: 14 ns
s 3-STATE outputs for connection to system buses
s Wide power supply range: 2–6V
s Low quiescent supply current: 80
µA
s Output current: 6 mA
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Top View
Truth Table
H
= HIGH Level
L
= LOW Level
Z
= High Impedance
Order Number
Package Number
Package Description
MM74HC244WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
MM74HC244SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC244MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC244N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
1G
1A
1Y
2G
2A
2Y
LLL
LLL
LH
H
L
H
H
HL
Z
H
L
Z
HH
Z
H
H
Z


Similar Part No. - MM74HC244WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC244WM FAIRCHILD-MM74HC244WM Datasheet
106Kb / 8P
   Octal 3-STATE Buffer
MM74HC244WM FAIRCHILD-MM74HC244WM Datasheet
107Kb / 8P
   Octal 3-STATE Buffer
MM74HC244WM FAIRCHILD-MM74HC244WM Datasheet
107Kb / 8P
   Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC244WM ONSEMI-MM74HC244WM Datasheet
212Kb / 10P
   Octal 3-STATE Buffer
Revised May 2005
More results

Similar Description - MM74HC244WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
logo
NXP Semiconductors
74ALS241A PHILIPS-74ALS241A Datasheet
109Kb / 9P
   Octal buffer 3-state
1991 Feb 08
74ALS244A PHILIPS-74ALS244A Datasheet
110Kb / 9P
   Octal buffer 3-State
1991 Feb 08
logo
Fairchild Semiconductor
DM81LS95A FAIRCHILD-DM81LS95A Datasheet
71Kb / 7P
   3-STATE Octal Buffer
MM74HC244SJX FAIRCHILD-MM74HC244SJX Datasheet
107Kb / 8P
   Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com